Electronic Components Datasheet Search
  English  ▼

X  

TMD2636 Datasheet(PDF) 6 Page - OSRAM GmbH

Part # TMD2636
Description  Miniature Proximity Sensor Module
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD2636 Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button TMD2636 Datasheet HTML 2Page - OSRAM GmbH TMD2636 Datasheet HTML 3Page - OSRAM GmbH TMD2636 Datasheet HTML 4Page - OSRAM GmbH TMD2636 Datasheet HTML 5Page - OSRAM GmbH TMD2636 Datasheet HTML 6Page - OSRAM GmbH TMD2636 Datasheet HTML 7Page - OSRAM GmbH TMD2636 Datasheet HTML 8Page - OSRAM GmbH TMD2636 Datasheet HTML 9Page - OSRAM GmbH TMD2636 Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
Datasheet, Public
Page 5
[v2-00] 2023-Jan-04
Document Feedback
TMD2636 − Electrical Characteristics
All limits are guaranteed. The parameters with min. and max.
values are guaranteed with production tests or SQC (Statistical
Quality Control) methods.
Figure 6:
Recommended Operating Conditions
Note(s):
1. Power dissipation averaged over 1 second period.
Figure 7:
Operating Characteristics, VDD = 1.8 V, TA = 25°C (unless otherwise noted)
Note(s):
1. Values are shown at the VDD pin and do not include current through the IR VCSEL.
2. Active state occurs when PON = 1 and the device is actively integrating. This time is determined by the number of pulses (PPULSE)
and the pulse length (PULSE_LEN) according to the formula: (7 x PULSE_LEN) + PPULSE x (2 x PULSE_LEN + 22μs) + 78.75μs.
Symbol
Parameter
Min
Typ
Max
Units
VDD
Supply voltage to sensor
1.7
1.82.0
V
VDD3
Supply voltage to IR emitter
2.9
3.3
3.6
V
PDISS
Average power dissipation
(1)
20
mW
TA
Operating ambient temperature
-30
85
°C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
fOSC
Oscillator frequency
7.9
8.1
8.3
MHz
IDD
Supply current (1)
Active state (PON=1) (2)
197
340
482
μA
Idle state (PON=1) (3)
30
Sleep state (PON = 0) (4)
0.7
VOL
INT, SDA output low voltage
6 mA sink current
0.6
V
ILEAK
Leakage current, SDA, SCL, INT
-5
5
μA
VIH
SCL, SDA input high voltage (5)
1.26
V
VIL
SCL, SDA input low voltage
0.54
V
TWakeup
Time for device to wakeup from the
sleep state and enter the active state if
both PON and PEN are set to one at the
same time.
100
μs
TActive
Time from power-on to ready to receive
I²C commands
1.5
ms
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com