Electronic Components Datasheet Search
  English  ▼

X  

TMD2636 Datasheet(PDF) 14 Page - OSRAM GmbH

Part # TMD2636
Description  Miniature Proximity Sensor Module
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD2636 Datasheet(HTML) 14 Page - OSRAM GmbH

Back Button TMD2636 Datasheet HTML 10Page - OSRAM GmbH TMD2636 Datasheet HTML 11Page - OSRAM GmbH TMD2636 Datasheet HTML 12Page - OSRAM GmbH TMD2636 Datasheet HTML 13Page - OSRAM GmbH TMD2636 Datasheet HTML 14Page - OSRAM GmbH TMD2636 Datasheet HTML 15Page - OSRAM GmbH TMD2636 Datasheet HTML 16Page - OSRAM GmbH TMD2636 Datasheet HTML 17Page - OSRAM GmbH TMD2636 Datasheet HTML 18Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 48 page
background image
Datasheet, Public
Page 13
[v2-00] 2023-Jan-04
Document Feedback
TMD2636 − Register Description
Note(s):
1. R = Read Only, W = Write Only, R/W = Read or Write, SC = Self Clearing after access
ENABLE Register (0x80)
Figure 15:
ENABLE Register
Before activating PEN, preset each applicable operating mode
register and bits.
PRATE Register (0x82)
Figure 16:
PRATE Register
0xDD
INTENAB
R/W
Interrupt enables
0x00
0xE5
FAC_L
R
Factory data low (lot code data)
0x00 to 0xFF
0xE6
FAC_H
R
Factory data high (lot code data)
0x00 to 0xFF
0xF9
TEST9
R/W
Test nine (must be set to 0x07)
0x00
Addr: 0x80
ENABLE
Bit
Bit Name
Default
Access
Bit Description
7:5
Reserved
000
RW
Reserved. Must be set to default value
4PWEN
0
RW
This bit activates the proximity wait feature which is set
by the PWTIME register. Active high.
3
Reserved
0
RW
Reserved. Must be set to default value
2
PEN
0
RW
This bit activates the proximity detection. Active high.
1
Reserved
0
RW
Reserved. Must be set to default value
0PON
0
RW
This field activates the internal oscillator and ADC
channel. Active high.
Addr: 0x82
PRATE
Bit
Bit Name
Default
Access
Bit Description
7:0
PRATE
0x1F
RW
This register defines the duration of 1 proximity sample,
which is (PRATE + 1)*88μs.
Address
Register Name
R/W
Register Function
Reset Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com