Electronic Components Datasheet Search
  English  ▼

X  

TMD2636 Datasheet(PDF) 25 Page - OSRAM GmbH

Part # TMD2636
Description  Miniature Proximity Sensor Module
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD2636 Datasheet(HTML) 25 Page - OSRAM GmbH

Back Button TMD2636 Datasheet HTML 21Page - OSRAM GmbH TMD2636 Datasheet HTML 22Page - OSRAM GmbH TMD2636 Datasheet HTML 23Page - OSRAM GmbH TMD2636 Datasheet HTML 24Page - OSRAM GmbH TMD2636 Datasheet HTML 25Page - OSRAM GmbH TMD2636 Datasheet HTML 26Page - OSRAM GmbH TMD2636 Datasheet HTML 27Page - OSRAM GmbH TMD2636 Datasheet HTML 28Page - OSRAM GmbH TMD2636 Datasheet HTML 29Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 48 page
background image
Page 24
Datasheet, Public
Document Feedback
[v2-00] 2023-Jan-04
TMD2636 − Register Description
CFG3 Register (0xAB)
Figure 34:
CFG3 Register
The SAI bit sets the device operational mode following the
completion of a proximity cycle. If PINT and PIEN are both set,
causing an interrupt on the INT pin, and the SAI bit is set, then
the oscillator will deactivate. The device will appear as if
PON = 0, however, PON will read as 1. The device can only be
reactivated (oscillator enabled) by clearing the interrupts in the
STATUS register.
CFG6 Register (0xAE)
Figure 35:
CFG6 Register
Addr: 0xAB
CFG3
Bit
Bit Name
Default
Access
Bit Description
7
INT_READ_
CLEAR
0RW
If set, then flag bits in the STATUS register will be reset
whenever the STATUS register is read over I²C.
6:5
Reserved
00
RW
Reserved. Must be set to default value.
4SAI
0
RW
The sleep after interrupt bit is used to place the device
into a low power mode upon an interrupt pin
assertion.
PON
SAI
INT
Oscillator
0X
X
OFF
10
X
ON
11
1
ON
11
0
OFF
3:0
Reserved
0100
RW
Reserved. Must be set to default value.
Addr : 0xAE
CFG6
Bit
Bit Name
Default
Access
Bit Description
7
Reserved
0
RW
Reserved. Must be set to default value.
6
APC_DISABLE
0
RW
Proximity automatic pulse control (APC) disable.
0 = APC enable
1 = APC disable
5:0
Reserved
111111
RW
Reserved. Must be set to default value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com