Electronic Components Datasheet Search
  English  ▼

X  

TMD2636 Datasheet(PDF) 30 Page - OSRAM GmbH

Part # TMD2636
Description  Miniature Proximity Sensor Module
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD2636 Datasheet(HTML) 30 Page - OSRAM GmbH

Back Button TMD2636 Datasheet HTML 26Page - OSRAM GmbH TMD2636 Datasheet HTML 27Page - OSRAM GmbH TMD2636 Datasheet HTML 28Page - OSRAM GmbH TMD2636 Datasheet HTML 29Page - OSRAM GmbH TMD2636 Datasheet HTML 30Page - OSRAM GmbH TMD2636 Datasheet HTML 31Page - OSRAM GmbH TMD2636 Datasheet HTML 32Page - OSRAM GmbH TMD2636 Datasheet HTML 33Page - OSRAM GmbH TMD2636 Datasheet HTML 34Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 48 page
background image
Datasheet, Public
Page 29
[v2-00] 2023-Jan-04
Document Feedback
TMD2636 − Register Description
CALIBSTAT Register (0xDC)
Figure 41:
CALIBSTAT Register
INTENAB Register (0xDD)
Figure 42:
INTENAB Register
The PIM (Proximity Interrupt Mode) bit selects the condition
under which the PINT status bit and the corresponding
interrupt (if enabled with PIEN) will be asserted.
Addr: 0xDC
CALIBSTAT
Bit
Bit Name
Default
Access
Bit Description
7:3
Reserved
00000
RW
Reserved. Must be set to default value.
2
OFFSET_
ADJUSTED
0RW
Bit is set when the proximity offset has been
automatically decremented if
AUTO_OFFSET_ADJ = 1 (see CALIBCFG register). This
bit can be cleared by writing 1 to it or setting AUTO_
OFFSET_ADJ to 0.
1
Reserved
0
RW
Reserved. Must be set to default value.
0
CALIB_FINISHED
0
RW
This flag indicates that calibration has finished. This
bit is a copy of the CINT bit in the STATUS register. It
will be cleared when the CINT bit is cleared.
Addr: 0xDD
INTENAB
Bit
Bit Name
Default
Access
Bit Description
7:6
Reserved
00
RW
Reserved. Must be set to default value.
5PIM
0
RW
Proximity Interrupt Mode
0 = Level based
1 = State based
4
PIEN
0
RW
Proximity Interrupt Enable
3
PSIEN
0
RW
Proximity Saturation Interrupt Enable
2
CIEN
0
RW
Calibration Interrupt Enable
1
ZIEN
0
RW
Zero Detect Interrupt Enable
0
Reserved
0
RW
Reserved. Must be set to default value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com