Electronic Components Datasheet Search
  English  ▼

X  

33874 Datasheet(PDF) 28 Page - Freescale Semiconductor, Inc

Part # 33874
Description  Quad High-Side Switch (Quad 35 m??
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33874 Datasheet(HTML) 28 Page - Freescale Semiconductor, Inc

Back Button 33874 Datasheet HTML 24Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 25Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 26Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 27Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 28Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 29Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 30Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 31Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 32Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 37 page
background image
Analog Integrated Circuit Device Data
28
Freescale Semiconductor
33874
TYPICAL APPLICATION
INTRODUCTION
TYPICAL APPLICATION
INTRODUCTION
The 33874 can be configured in several applications. The figure below shows the 33874 in a typical lighting application.
33874
I/O
VDD
VDD
VPWR
GND
Microcontroller
Voltage regulator
VPWR
100nF
HS2
HS0
HS1
HS3
VPWR
VDD
WAKE
FS
IN0
IN2
IN3
SCLK
CS
NC
TEMP
SI
SO
FSI
RST
IN1
10µF
100nF
I/O
I/O
I/O
I/O
I/O
SCLK
CS
SI
SO
A/D
10k
10k
10k
10k
10k
10k
10k
10k
10k
1k
R1
10k
LOAD 0
LOAD 1
LOAD 2
LOAD 3
CSNS
A/D
VDD
VDD
VPWR
VDD
21W
5 W
21W
5 W
21W
5 W
21W
5 W
Automotive lamps do not tolerate high voltages very well. Tests of a few lamps indicate that failures can occur when
18V is applied for a few seconds. Consequently, PWM switching reduces the effective RMS voltage in order to drive
bulbs safety.
For example, to maintain the power dissipation associated with a 13V battery at 100% duty cycle, the duty cycle
would be adjusted to (13/18)², or 52%, when the battery is at 18V.
The loads must be chosen in order to guarantee the device normal operating condition as junction temperature
from -40 to 150 °C. In case of permanent short-circuit conditions, the duration and number of activation cycles must
be limited with a dedicated MCU fault management using the fault reporting through SPI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com