Electronic Components Datasheet Search
  English  ▼

X  

33874 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # 33874
Description  Quad High-Side Switch (Quad 35 m??
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33874 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button 33874 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
Analog Integrated Circuit Device Data
10
Freescale Semiconductor
33874
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
Table 4. Dynamic Electrical Characteristics
Characteristics noted under conditions 6.0 V
≤ V
PWR ≤ 27 V, 4.5 V ≤ VDD ≤ 5.5 V, - 40°C ≤ T
A ≤ 125°C, GND = 0 V unless
otherwise noted. Typical values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless
otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
POWER OUTPUT TIMING (HS0, HS1, HS2, HS3)
Output Rising Slow Slew Rate A (DICR D3 = 0) (19)
9.0 V < VPWR < 16 V
SRRA_SLOW
0.1
0.3
0.75
V/
µs
Output Rising Slow Slew Rate B (DICR D3 = 0) (20)
9.0 V < VPWR < 16 V
SRRB_SLOW
0.015
0.05
0.15
V/
µs
Output Rising Fast Slew Rate A (DICR D3 = 1) (19)
9.0 V < VPWR < 16 V
SRRA_FAST
0.5
1.5
3.0
V/
µs
Output Rising Fast Slew Rate B (DICR D3 = 1) (20)
9.0 V < VPWR < 16 V
SRRB_FAST
0.025
0.3
1.0
V/
µs
Output Falling Slow Slew Rate A (DICR D3 = 0) (19)
9.0 V < VPWR < 16 V
SRFA_SLOW
0.1
0.3
0.75
V/
µs
Output Falling Slow Slew Rate B (DICR D3 = 0) (20)
9.0 V < VPWR < 16 V
SRFB_SLOW
0.015
0.05
0.15
V/
µs
Output Falling Fast Slew Rate A (DICR D3 = 1) (19)
9.0 V < VPWR < 16 V
SRFA_FAST
0.5
1.5
3.0
V/
µs
Output Falling Fast Slew Rate B (DICR D3 = 1) (20)
9.0 V < VPWR < 16 V
SRFB_FAST
0.025
0.3
1.0
V/
µs
Output Turn-ON Delay Time in Slow Slew Rate (21)
DICR = 0
tDLY_SLOW(ON)
2.0
30
200
µs
Output Turn-ON Delay Time in Fast Slew Rate (21)
DICR = 1
tDLY_FAST(ON)
1.0
6.0
100
µs
Output Turn-OFF Delay Time in Slow Slew Rate Mode (22)
DICR = 0
tDLY_SLOW(OF
F)
40
200
800
µs
Output Turn-OFF Delay Time in Fast Slew Rate Mode (22)
DICR = 1
tDLY_FAST(OFF)
20
50
400
µs
Overcurrent Low Detection Blanking Time
OCLT[1:0]: 00
OCLT[1:0]: 01 (23)
OCLT[1:0]: 10
OCLT[1:0]: 11
tOCL0
tOCL1
tOCL2
tOCL3
108
–
55
0.08
155
–
75
0.15
202
–
95
0.3
ms
Notes
19.
Rise and Fall Slew Rates A measured across a 5.0
Ω resistive load at high-side output = 0.5 V to V
PWR- 3.5 V (see Figure 4, page 12).
These parameters are guaranteed by process monitoring.
20.
Rise and Fall Slew Rates B measured across a 5.0
Ω resistive load at high-side output = 0.5 V to V
PWR- 3.5 V (see Figure 4). These
parameters are guaranteed by process monitoring.
21.
Turn-ON delay time measured from rising edge of any signal (IN[0:3], SCLK, CS) that would turn the output ON to VHS[0:3] = 0.5 V with
RL = 5.0 Ω resistive load.
22.
Turn-OFF delay time measured from falling edge of any signal (IN[0:3], SCLK, CS) that would turn the output OFF to VHS[0:3] = VPWR-
0.5 V with RL = 5.0 Ω resistive load.
23.
This logical bit is not defined. Do not use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com