Electronic Components Datasheet Search
  English  ▼

X  

33874 Datasheet(PDF) 30 Page - Freescale Semiconductor, Inc

Part # 33874
Description  Quad High-Side Switch (Quad 35 m??
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33874 Datasheet(HTML) 30 Page - Freescale Semiconductor, Inc

Back Button 33874 Datasheet HTML 26Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 27Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 28Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 29Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 30Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 31Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 32Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 33Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 34Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 37 page
background image
Analog Integrated Circuit Device Data
30
Freescale Semiconductor
33874
TYPICAL APPLICATION
DIAGNOSIS WITHOUT MCU
When any fault appears (over current, open load…), a full
diagnosis can be reported via the SPI. Without an MCU, the
fault status pin allows reduced diagnosis, as illustrated in
table 3.
We can note that it is not possible to distinguish over
temperature, over current, under voltage, and over voltage.
Nevertheless, Open load and short circuit to VPWR fault can
be singled out. All protections are reported to Fault status pin
(FS), Open load and short circuit to VPWR are reported only if
the Output is OFF. If the fault is latched, the output must be
turned OFF then ON to disable the fault.
CONCLUSION
Although the MC33874 is not fully functional without a
microcontroller to control and program it, standalone
functioning is safe because all protections are available.
Diagnosis is limited, but the fault status pin will report any
malfunction.
This is a good way to evaluate the main electrical
MC33874 features. Some simplified applications can also
use the MC33874 switch without an MCU to drive a high
power load with full protection.
Table 3. Diagnosis without SPI
IN[x] level
HS[x] level
FS level
Latched
Normal operation
H
H
H
N/A
L
L
H
Over temperature
L
L
L
YES
H
L
L
Under voltage
L
L
L
YES
H
L
L
Over voltage
L
L
H
NO
H
L
L
Over current
L
L
H
YES
H
L
L
Short circuit to VPWR
L
H
L
NO
H
H
H
Open load
L
Z
L
NO
H
H
H
H : High Level, L : Low Level, Z : High impedance, potential depends on the external circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com