Electronic Components Datasheet Search
  English  ▼

X  

33874 Datasheet(PDF) 36 Page - Freescale Semiconductor, Inc

Part # 33874
Description  Quad High-Side Switch (Quad 35 m??
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33874 Datasheet(HTML) 36 Page - Freescale Semiconductor, Inc

Back Button 33874 Datasheet HTML 29Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 30Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 31Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 32Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 33Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 34Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 35Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 36Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 37Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 36 / 37 page
background image
Analog Integrated Circuit Device Data
36
Freescale Semiconductor
33874
REVISION HISTORY
REVISION HISTORY
Revision
Date
Description of Changes
3.0
03/2006
•
Implemented Revision History page
•
Converted to Freescale format
4.0
04/2006
•
Added ROHS logo
•
Added “It is recommended to disable open load circuitry in case of a permanent disconnected
load.“to the Open Load Fault (Non-Latching) paragraph
•
Changed 1k to 10k in the second paragraph of Ground Disconnect Protection
•
Added the section StandAlone mode to Typical Application
•
Updated Package Dimensions to Issue C
•
Added Thermal Addendum (Rev 2.0) to Data Sheet
5.0
6/2002
•
Corrected part number ordering information
•
Modified Output Turn ON Delay Times on page 10
6.0
9/2006
•
Changed status from Preliminary to Advance.
•
Made changes the resistive loads on the Typical Applications diagram and added a paragraph
describing the behavior of automotive lamps.
•
Added new thermal curves to the Thermal Addendum (Rev 2.0) on page 33
•
Made updates to Thermal Resistance Performance on page 34
7.0
9/2006
•
Made changes to Thermal Addendum (Rev 2.0) relating to Figure 11, Table 19, Thermal
Resistance Performance, Figure 12, and Figure 13
8.0
4/2007
•
Added Direct Input Switching Frequency to Dynamic Electrical Characteristics Table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com