Electronic Components Datasheet Search
  English  ▼

X  

33874 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # 33874
Description  Quad High-Side Switch (Quad 35 m??
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33874 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button 33874 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
Analog Integrated Circuit Device Data
6
Freescale Semiconductor
33874
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 3. Static Electrical Characteristics
Characteristics noted under conditions 6.0 V
≤ V
PWR ≤ 27 V, 4.5 V ≤ VDD ≤ 5.5 V, - 40°C ≤ T
A ≤ 125°C, GND = 0 V unless
otherwise noted. Typical values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless
otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
POWER INPUT (VPWR, VDD)
Battery Supply Voltage Range
Fully Operational
VPWR
6.0
–
27
V
VPWR Operating Supply Current
Outputs ON,
HS[0:3] open
IPWR(ON)
–
–
20
mA
VPWR Supply Current
Outputs OFF, Open Load Detection Disabled, WAKE > 0.7 VDD,
RST
= VLOGIC HIGH
IPWR(SBY)
–
–
5.0
mA
Sleep State Supply Current (
VPWR = 14V, RST < 0.5 V, WAKE < 0.5 V)
TA = 25°C
TA = 85°C
IPWR(SLEEP)
–
–
1.0
–
10
50
µA
VDD Supply Voltage
VDD(ON)
4.5
5.0
5.5
V
VDD Supply Current
No SPI Communication
3.0 MHz SPI Communication (7)
IDD(ON)
–
–
–
–
1.0
5.0
mA
VDD Sleep State Current
IDDSLEEP
–
–
5.0
µA
Overvoltage Shutdown Threshold
VOV
28
32
36
V
Overvoltage Shutdown Hysteresis
VOVHYS
0.2
0.8
1.5
V
Undervoltage Shutdown Threshold (8)
VUV
4.75
5.25
5.75
V
Undervoltage Hysteresis (9)
VUVHYS
–
0.25
–
V
Undervoltage Power-ON Reset
VUVPOR
–
–
4.75
V
Notes
7.
Not guaranteed in production.
8.
The undervoltage fault condition is reported to SPI register as long as the external VDD supply is within specification and the VPWR
voltage level does not go below the undervoltage Power-ON Reset threshold.
9.
This applies when the undervoltage fault is not latched (IN = [0:3]).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com