Electronic Components Datasheet Search
  English  ▼

X  

TLV1812 Datasheet(PDF) 2 Page - Texas Instruments

Part # TLV1812
Description  TLV181x-Q1 and TLV182x-Q1 Family of 40 V Automotive Rail-to-Rail Input Comparators with Push-Pull or Open-Drain Output Options
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV1812 Datasheet(HTML) 2 Page - Texas Instruments

  TLV1812 Datasheet HTML 1Page - Texas Instruments TLV1812 Datasheet HTML 2Page - Texas Instruments TLV1812 Datasheet HTML 3Page - Texas Instruments TLV1812 Datasheet HTML 4Page - Texas Instruments TLV1812 Datasheet HTML 5Page - Texas Instruments TLV1812 Datasheet HTML 6Page - Texas Instruments TLV1812 Datasheet HTML 7Page - Texas Instruments TLV1812 Datasheet HTML 8Page - Texas Instruments TLV1812 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 54 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Pin Configuration and Functions...................................3
Pin Functions: TLV18x1-Q1 and TLV18x1L-Q1 ............... 3
Pin Functions: TLV1812-Q1 and TLV1822-Q1 .................4
Pin Functions: TLV1814-Q1 and TLV1824-Q1 .................5
6 Specifications.................................................................. 6
6.1 Absolute Maximum Ratings........................................ 6
6.2 ESD Ratings............................................................... 6
6.3 Recommended Operating Conditions.........................6
6.4 Thermal Information - Single.......................................7
6.5 Thermal Information - Dual......................................... 7
6.6 Thermal Information - Quad........................................7
6.7 Electrical Characteristics.............................................8
6.8 Switching Characteristics............................................9
7 Typical Characteristics................................................. 10
8 Detailed Description......................................................13
8.1 Overview................................................................... 13
8.2 Functional Block Diagrams....................................... 13
8.3 Feature Description...................................................13
8.4 Device Functional Modes..........................................13
9 Application and Implementation.................................. 16
9.1 Application Information............................................. 16
9.2 Typical Applications.................................................. 19
9.3 Power Supply Recommendations.............................26
9.4 Layout....................................................................... 26
10 Device and Documentation Support..........................28
10.1 Documentation Support.......................................... 28
10.2 Receiving Notification of Documentation Updates..28
10.3 Support Resources................................................. 28
10.4 Trademarks.............................................................28
10.5 Electrostatic Discharge Caution..............................28
10.6 Glossary..................................................................28
11 Mechanical, Packaging, and Orderable
Information.................................................................... 28
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision A (March 2023) to Revision B (September 2023)
Page
• Removed previews for Duals and SOIC Quad releases.................................................................................... 1
Changes from Revision * (October 2022) to Revision A (March 2023)
Page
• Removed previews for Single releases.............................................................................................................. 1
TLV1811-Q1, TLV1821-Q1, TLV1812-Q1, TLV1822-Q1
TLV1814-Q1, TLV1824-Q1
SNOSDC9B – OCTOBER 2022 – REVISED SEPTEMBER 2023
www.ti.com
2
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TLV1811-Q1 TLV1821-Q1 TLV1812-Q1 TLV1822-Q1 TLV1814-Q1 TLV1824-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com