Electronic Components Datasheet Search
  English  ▼

X  

TLV1812 Datasheet(PDF) 5 Page - Texas Instruments

Part # TLV1812
Description  TLV181x-Q1 and TLV182x-Q1 Family of 40 V Automotive Rail-to-Rail Input Comparators with Push-Pull or Open-Drain Output Options
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV1812 Datasheet(HTML) 5 Page - Texas Instruments

  TLV1812 Datasheet HTML 1Page - Texas Instruments TLV1812 Datasheet HTML 2Page - Texas Instruments TLV1812 Datasheet HTML 3Page - Texas Instruments TLV1812 Datasheet HTML 4Page - Texas Instruments TLV1812 Datasheet HTML 5Page - Texas Instruments TLV1812 Datasheet HTML 6Page - Texas Instruments TLV1812 Datasheet HTML 7Page - Texas Instruments TLV1812 Datasheet HTML 8Page - Texas Instruments TLV1812 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 54 page
background image
Pin Functions: TLV1814-Q1 and TLV1824-Q1
1
2
3
4
5
6
7
IN1±
IN1+
IN2±
IN2+
V+
OUT1
OUT2
IN4±
IN3+
IN3±
V±
OUT4
OUT3
IN4+
14
13
12
11
10
9
8
D, PW, DYY Package, 14-Pin SOIC, TSSOP, SOT-23,
Top View
1
V+
12
V±
2
IN1±
11
IN4+
3
NC
10
NC
4
IN1+
9
IN4±
Not to scale
Thermal
Pad
NOTE: Connect exposed thermal pad directly to V- pin.
RTE Package, 16-Pad WQFN With Exposed
Thermal Pad, Top View
Table 5-3. Pin Functions: TLV1814-Q1 and TLV1824-Q1
PIN
I/O
DESCRIPTION
NAME
SOIC
WQFN
OUT2(1)
1
15
O
Output pin of the comparator 2
OUT1(1)
2
16
O
Output pin of the comparator1
V+
3
1
—
Positive supply
IN1–
4
2
I
Negative input pin of the comparator 1
IN1+
5
4
I
Positive input pin of the comparator 1
IN2–
6
5
I
Negative input pin of the comparator 2
IN2+
7
6
I
Positive input pin of the comparator 2
IN3–
8
7
I
Negative input pin of the comparator 3
IN3+
9
8
I
Positive input pin of the comparator 3
IN4–
10
9
I
Negative input pin of the comparator 4
IN4+
11
11
I
Positive input pin of the comparator 4
V-
12
12
—
Negative supply
OUT4
13
13
O
Output pin of the comparator 4
OUT3
14
14
O
Output pin of the comparator 3
NC
—
3
—
No Internal Connection - Leave floating or GND
NC
—
10
—
No Internal Connection - Leave floating or GND
Thermal Pad
—
PAD
—
Connect directly to V- pin.
(1)
Some manufacturers transpose the names of channels 1 and 2. Electrically the pinouts are identical, just a difference in channel
naming convention.
www.ti.com
TLV1811-Q1, TLV1821-Q1, TLV1812-Q1, TLV1822-Q1
TLV1814-Q1, TLV1824-Q1
SNOSDC9B – OCTOBER 2022 – REVISED SEPTEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: TLV1811-Q1 TLV1821-Q1 TLV1812-Q1 TLV1822-Q1 TLV1814-Q1 TLV1824-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com