Electronic Components Datasheet Search
  English  ▼

X  

TLV1812 Datasheet(PDF) 24 Page - Texas Instruments

Part # TLV1812
Description  TLV181x-Q1 and TLV182x-Q1 Family of 40 V Automotive Rail-to-Rail Input Comparators with Push-Pull or Open-Drain Output Options
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV1812 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TLV1812 Datasheet HTML 20Page - Texas Instruments TLV1812 Datasheet HTML 21Page - Texas Instruments TLV1812 Datasheet HTML 22Page - Texas Instruments TLV1812 Datasheet HTML 23Page - Texas Instruments TLV1812 Datasheet HTML 24Page - Texas Instruments TLV1812 Datasheet HTML 25Page - Texas Instruments TLV1812 Datasheet HTML 26Page - Texas Instruments TLV1812 Datasheet HTML 27Page - Texas Instruments TLV1812 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 54 page
background image
Consider the case of VIN = 0. The output of comparator 4 is also at ground, "shorting" the capacitor and holding
it at 0V. This implies that the outputs of comparators 1, 2, and 3 are also at 0V. When an input signal is applied,
the output of open drain comparator 4 goes High-Z and C charges exponentially through R. This is indicated in
the graph. The output voltages of comparators 1, 2, and 3 switch to the high state in sequence when VC rises
above the reference voltages V1, V2 and V3. A small amount of hysteresis has been provided by the 10 kΩ and
10 MΩ resistors to insure fast switching when the RC time constant is chosen to give long delay times. A good
starting point is R = 100 kΩ and C = 0.01 µF to 1 µF.
All outputs will immediately go low when VIN falls to 0V, due to the comparator output going low and immediately
discharging the capacitor.
Comparator 4 must be a open-drain type output (TLV182x-Q1), whereas comparators 1 though 3 may be either
open drain or push-pull output, depending on system requirements. RPU is not required for push-pull output
devices.
9.2.5 Logic Level Shifter
The output of the TLV182x-Q1 is the uncommitted drain of the output transistor. Many open-drain outputs can be
tied together to provide an output OR'ing function if desired.
+
±
R1
VCC
Logic
Out
VLOGIC
0
RPULLUP
VLOGIC
Logic
In
10 kŸ
R2
10 kŸ
VCC
VCC
0
Open
Drain
Output
Figure 9-14. Universal Logic Level Shifter
The two 10 kΩ resistors bias the input to half of the input logic supply level to set the threshold in the mid-point
of the input logic levels. Only one shared output pull-up resistor is needed and may be connected to any pull-up
voltage between 0 V and 5.5 V. The pullup voltage should match the driven logic input "high" level.
9.2.6 One-Shot Multivibrator
+
±
R1
1 0Ÿ
R2
1 0Ÿ
R4
D1
1N4148
C1
100 pF
D2
1N4148
C2
t0
+VIN
+V
t0
t1
V2
V1
PW
0
+V
Figure 9-15. One-Shot Multivibrator
A monostable multivibrator has one stable state in which it can remain indefinitely. It can be triggered externally
to another quasi-stable state. A monostable multivibrator can thus be used to generate a pulse of desired width.
The desired pulse width is set by adjusting the values of C2 and R4. The resistor divider of R1 and R2 can be
used to determine the magnitude of the input trigger pulse. The output will change state when V1 < V2. Diode
D2 provides a rapid discharge path for capacitor C2 to reset at the end of the pulse. The diode also prevents the
non-inverting input from being driven below ground.
TLV1811-Q1, TLV1821-Q1, TLV1812-Q1, TLV1822-Q1
TLV1814-Q1, TLV1824-Q1
SNOSDC9B – OCTOBER 2022 – REVISED SEPTEMBER 2023
www.ti.com
24
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TLV1811-Q1 TLV1821-Q1 TLV1812-Q1 TLV1822-Q1 TLV1814-Q1 TLV1824-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com