Electronic Components Datasheet Search
  English  ▼

X  

TLV1812 Datasheet(PDF) 13 Page - Texas Instruments

Part # TLV1812
Description  TLV181x-Q1 and TLV182x-Q1 Family of 40 V Automotive Rail-to-Rail Input Comparators with Push-Pull or Open-Drain Output Options
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV1812 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLV1812 Datasheet HTML 9Page - Texas Instruments TLV1812 Datasheet HTML 10Page - Texas Instruments TLV1812 Datasheet HTML 11Page - Texas Instruments TLV1812 Datasheet HTML 12Page - Texas Instruments TLV1812 Datasheet HTML 13Page - Texas Instruments TLV1812 Datasheet HTML 14Page - Texas Instruments TLV1812 Datasheet HTML 15Page - Texas Instruments TLV1812 Datasheet HTML 16Page - Texas Instruments TLV1812 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 54 page
background image
8 Detailed Description
8.1 Overview
The TLV181x-Q1 and TLV182x-Q1 devices are micro-power comparators with push-pull and open-drain output
options. Operating down to 2.4 V while only consuming only 5 µA per channel, the TLV181x-Q1 and TLV182x-
Q1 are well suited for portable, automotive and industrial applications. An internal power-on reset circuit ensures
that the output remains in a known state during power-up and power-down.
8.2 Functional Block Diagrams
OUT
+
-
IN+
IN-
Bias
Power-On
Reset
V+
V-
V+
V-
V-
V-
Output
Control
V-
V+
*
*
* Push-Pull
Version Only
Power
Clamp
V+
V+
ESD
CLAMPS
Figure 8-1. TLV18xx-Q1 Block Diagram
8.3 Feature Description
TLV18xx Family Options
The TLV18xxy family consists of several output and pinout options, all featuring 40 V operation, micro-power 5
µA supply currents, 420 ns propagation delay, and a Power-On Reset (POR) function.
The TLV18xx family has two output options:
The TLV181x-Q1 has a push-pull (sink-source) output.
The TLV182x-Q1 has a open-drain (sink only) output, capable of being pulled-up to any voltage up to 40 V,
independent of comparator supply voltage.
The TLV1811L-Q1 and TLV1821L-Q1 are alternate pinouts of the TLV1811-Q1 and TLV1821-Q1 that allow
upgrading older devices such as the TLV7211, TLV7221, LMC7211 and LMC7221 family.
8.4 Device Functional Modes
8.4.1 Inputs
8.4.1.1 TLV18xx Rail-to-Rail Input
The TLV18xx-Q1 input voltage range extends from 200 mV below V- to 200 mV above V+. The differential input
voltage (VID) may be any voltage within these limits. No phase-inversion of the comparator output will occur
when the input voltages stay within the specified range.
www.ti.com
TLV1811-Q1, TLV1821-Q1, TLV1812-Q1, TLV1822-Q1
TLV1814-Q1, TLV1824-Q1
SNOSDC9B – OCTOBER 2022 – REVISED SEPTEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TLV1811-Q1 TLV1821-Q1 TLV1812-Q1 TLV1822-Q1 TLV1814-Q1 TLV1824-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com