Electronic Components Datasheet Search
  English  ▼

X  

TLV1812 Datasheet(PDF) 8 Page - Texas Instruments

Part # TLV1812
Description  TLV181x-Q1 and TLV182x-Q1 Family of 40 V Automotive Rail-to-Rail Input Comparators with Push-Pull or Open-Drain Output Options
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV1812 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV1812 Datasheet HTML 4Page - Texas Instruments TLV1812 Datasheet HTML 5Page - Texas Instruments TLV1812 Datasheet HTML 6Page - Texas Instruments TLV1812 Datasheet HTML 7Page - Texas Instruments TLV1812 Datasheet HTML 8Page - Texas Instruments TLV1812 Datasheet HTML 9Page - Texas Instruments TLV1812 Datasheet HTML 10Page - Texas Instruments TLV1812 Datasheet HTML 11Page - Texas Instruments TLV1812 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 54 page
background image
6.7 Electrical Characteristics
For VS (Total Supply Votlage) = (V+) – (V–) = 12 V, VCM = VS / 2 at TA = 25°C (Unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
VOS
Input offset voltage
–3
±0.5
3
mV
TA = –40°C to +125°C
–4
4
mV
dVIO/dT
Input offset voltage
drift
TA = –40°C to +125°C
±1.2
µV/°C
PSRR
Power supply rejection
ratio
VS = 2.4 V to 40 V, VCM = (V–)
100
dB
POWER SUPPLY
IQ
Quiescent current, No
Load
Output Low, TA = 25°C
TLV1811-Q1 Only
6
7.5
µA
Output Low, TA = –40°C to +125°C
TLV1811-Q1 Only
8.5
Output High, TA = 25°C
TLV1811-Q1 Only
8
10
Output High, TA = –40°C to +125°C
TLV1811-Q1 Only
11
IQ
Quiescent current per
comparator, No Load
Output Low, TA = 25°C
5
6.5
µA
Output Low, TA = –40°C to +125°C
7.5
Output High, TA = 25°C
7
9
Output High, TA = –40°C to +125°C
10
VPOR
Power On Reset
Voltage
1.7
V
INPUT BIAS CURRENT
IB
Input bias current (1)
150
fA
TA = –40°C to +125°C
–1.2
1.2
nA
IOS
Input offset current (1)
10
fA
INPUT CAPACITANCE
CID
Input Capacitance,
Differential
2
pF
CIC
Input Capacitance,
Common Mode
8
pF
INPUT COMMON MODE RANGE
VCM-Range
Common-mode
voltage range
VS = 2.4 V to 40 V
TA = –40°C to +125°C, Rail to Rail
(V–) – 0.2
(V+) + 0.2
V
OUTPUT
VOL
Voltage swing from
(V–)
ISINK = 4 mA
TA = –40°C to +125°C
250
mV
VOH
Voltage swing from
(V+) (for Push-
Pull only)
ISOURCE = 4 mA
TA = –40°C to +125°C
250
mV
ILKG
Open-drain output
leakage current
VID = +0.1 V, VPULLUP = (V+)
TA = –40°C to +125°C
0.1
nA
IOL
Short-circuit current
Sinking
15
30
mA
IOH
Short-circuit current
Sourcing (for Push-Pull only)
15
30
mA
(1)
This parameter is ensured by design and/or characterization and is not tested in production .
TLV1811-Q1, TLV1821-Q1, TLV1812-Q1, TLV1822-Q1
TLV1814-Q1, TLV1824-Q1
SNOSDC9B – OCTOBER 2022 – REVISED SEPTEMBER 2023
www.ti.com
8
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TLV1811-Q1 TLV1821-Q1 TLV1812-Q1 TLV1822-Q1 TLV1814-Q1 TLV1824-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com