Electronic Components Datasheet Search
  English  ▼

X  

TLV1812 Datasheet(PDF) 4 Page - Texas Instruments

Part # TLV1812
Description  TLV181x-Q1 and TLV182x-Q1 Family of 40 V Automotive Rail-to-Rail Input Comparators with Push-Pull or Open-Drain Output Options
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV1812 Datasheet(HTML) 4 Page - Texas Instruments

  TLV1812 Datasheet HTML 1Page - Texas Instruments TLV1812 Datasheet HTML 2Page - Texas Instruments TLV1812 Datasheet HTML 3Page - Texas Instruments TLV1812 Datasheet HTML 4Page - Texas Instruments TLV1812 Datasheet HTML 5Page - Texas Instruments TLV1812 Datasheet HTML 6Page - Texas Instruments TLV1812 Datasheet HTML 7Page - Texas Instruments TLV1812 Datasheet HTML 8Page - Texas Instruments TLV1812 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 54 page
background image
Pin Functions: TLV1812-Q1 and TLV1822-Q1
1
2
3
4
8
7
6
5
V+
OUT2
IN2±
IN2+
OUT1
IN1±
IN1+
V±
D, DGK, PW, DDF Packages
8-Pin SOIC, VSSOP, TSSOP, SOT-23-8
Top View
1
OUT1
8
V+
2
IN1±
7
OUT2
3
IN1+
6
IN2±
4
V±
5
IN2+
Exposed
Thermal
Die Pad
on
Underside
NOTE: Connect exposed thermal pad directly to V- pin.
DSG Package,
8-Pad WSON With Exposed Thermal Pad,
Top View
Table 5-2. Pin Functions: TLV1812-Q1 and TLV1822-Q1
PIN
I/O
DESCRIPTION
NAME
NO.
OUT1
1
O
Output pin of the comparator 1
IN1–
2
I
Inverting input pin of comparator 1
IN1+
3
I
Noninverting input pin of comparator 1
V-
4
—
Negative (low) supply
IN2+
5
I
Noninverting input pin of comparator 2
IN2–
6
I
Inverting input pin of comparator 2
OUT2
7
O
Output pin of the comparator 2
V+
8
—
Positive supply
Thermal Pad
—
—
Connect directly to V- pin
TLV1811-Q1, TLV1821-Q1, TLV1812-Q1, TLV1822-Q1
TLV1814-Q1, TLV1824-Q1
SNOSDC9B – OCTOBER 2022 – REVISED SEPTEMBER 2023
www.ti.com
4
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TLV1811-Q1 TLV1821-Q1 TLV1812-Q1 TLV1822-Q1 TLV1814-Q1 TLV1824-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com