Electronic Components Datasheet Search
  English  ▼

X  

TLV1812 Datasheet(PDF) 21 Page - Texas Instruments

Part # TLV1812
Description  TLV181x-Q1 and TLV182x-Q1 Family of 40 V Automotive Rail-to-Rail Input Comparators with Push-Pull or Open-Drain Output Options
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV1812 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLV1812 Datasheet HTML 17Page - Texas Instruments TLV1812 Datasheet HTML 18Page - Texas Instruments TLV1812 Datasheet HTML 19Page - Texas Instruments TLV1812 Datasheet HTML 20Page - Texas Instruments TLV1812 Datasheet HTML 21Page - Texas Instruments TLV1812 Datasheet HTML 22Page - Texas Instruments TLV1812 Datasheet HTML 23Page - Texas Instruments TLV1812 Datasheet HTML 24Page - Texas Instruments TLV1812 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 54 page
background image
9.2.2 Square-Wave Oscillator
Square-wave oscillator can be used as low cost timing reference or system supervisory clock source. A push-
pull output (TLV181x-Q1) is recommended for best symmetry.
C1
100 pF
+
±
R1
100 kŸ
VCC
R2
100 kŸ
OUT
VA
VC
t1
t2
0
V
+
R3
100 kŸ
R4
100 kŸ
Figure 9-9. Square-Wave Oscillator
9.2.2.1 Design Requirements
The square-wave period is determined by the RC time constant of the capacitor C1 and resistor R4. The
maximum frequency is limited by propagation delay of the device and the capacitance load at the output. The
low input bias current allows a lower capacitor value and larger resistor value combination for a given oscillator
frequency, which may help to reduce BOM cost and board space. TI recommends that R4 be over several
kilo-ohms to minimize loading of the output.
9.2.2.2 Detailed Design Procedure
The oscillation frequency is determined by the resistor and capacitor values. The following calculation provides
details of the steps.
Figure 9-10. Square-Wave Oscillator Timing Thresholds
First consider the output of Figure Figure 9-9 as high, which indicates the inverted input VC is lower than the
noninverting input (VA). This causes the C1 to be charged through R4, and the voltage VC increases until it is
equal to the noninverting input. The value of VA at the point is calculated by Equation 7.
CC
2
A1
2
1
3
V
R
V
R
R I IR
u
(7)
if R1 = R2= R3, then VA1 = 2 VCC/ 3
At this time the comparator output trips pulling down the output to the negative rail. The value of VAat this point is
calculated by Equation 8.
www.ti.com
TLV1811-Q1, TLV1821-Q1, TLV1812-Q1, TLV1822-Q1
TLV1814-Q1, TLV1824-Q1
SNOSDC9B – OCTOBER 2022 – REVISED SEPTEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TLV1811-Q1 TLV1821-Q1 TLV1812-Q1 TLV1822-Q1 TLV1814-Q1 TLV1824-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com