| Electronic Components Datasheet Search |
|
56F807 Datasheet(PDF) 30 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
56F807 Datasheet(HTML) 30 Page - Freescale Semiconductor, Inc |
|
30 / 60 page ![]() 56F807 Technical Data Technical Data, Rev. 15 30 Freescale Semiconductor as a typical circuit board trace capacitance the parallel load capacitance presented to the crystal is 9pF as determined by the following equation: This is the value load capacitance that should be used when selecting a crystal and determining the actual frequency of operation of the crystal oscillator circuit. Figure 3-7 Connecting to a Crystal Oscillator 3.4.2 Ceramic Resonator It is also possible to drive the internal oscillator with a ceramic resonator, assuming the overall system design can tolerate the reduced signal integrity. In Figure 3-8, a typical ceramic resonator circuit is shown. Refer to supplier’s recommendations when selecting a ceramic resonator and associated components. The resonator and components should be mounted as close as possible to the EXTAL and XTAL pins. The internal 56F80x oscillator circuitry is designed to have no external load capacitors present. As shown in Figure 3-7 no external load capacitors should be used. Figure 3-8 Connecting a Ceramic Resonator Note: Freescale recommends only two terminal ceramic resonators vs. three terminal resonators (which contain an internal bypass capacitor to ground). CL = CL1 * CL2 CL1 + CL2 + Cs = + 3 = 6 + 3 = 9pF 12 * 12 12 + 12 Recommended External Crystal Parameters: Rz = 1 to 3 MΩ fc = 8MHz (optimized for 8MHz) EXTAL XTAL Rz fc Recommended Ceramic Resonator Parameters: Rz = 1 to 3 MΩ fc = 8MHz (optimized for 8MHz) EXTAL XTAL Rz fc |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |