Electronic Components Datasheet Search
  English  ▼

X  

56F807 Datasheet(PDF) 45 Page - Freescale Semiconductor, Inc

Part # 56F807
Description  16-bit Digital Signal Controllers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F807 Datasheet(HTML) 45 Page - Freescale Semiconductor, Inc

Back Button 56F807 Datasheet HTML 41Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 42Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 43Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 44Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 45Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 46Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 47Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 48Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 49Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 60 page
background image
Controller Area Network (CAN) Timing
56F807 Technical Data Technical Data, Rev. 15
Freescale Semiconductor
45
.
1.
Parasitic capacitance due to package, pin to pin, and pin to package base coupling. (1.8pf)
2.
Parasitic capacitance due to the chip bond pad, ESD protection devices and signal routing. (2.04pf)
3.
Equivalent resistance for the ESD isolation resistor and the channel select mux. (500 ohms)
4.
Sampling capacitor at the sample and hold circuit. Capacitor 4 is normally disconnected from the input and is only connected to it at
sampling time. (1pf)
Figure 3-27 Equivalent Analog Input Circuit
3.12 Controller Area Network (CAN) Timing
Figure 3-28 Bus Wakeup Detection
Table 3-17 CAN Timing2
Operating Conditions: VSS = VSSA = 0 V, VDD = VDDA = 3.0–3.6 V, TA = –40° to +85°C, CL < 50pF, MSCAN Clock = 30MHz
Characteristic
Symbol
Min
Max
Unit
Baud Rate
BRCAN
—
1Mbps
Bus Wakeup detection 1
1.
If Wakeup glitch filter is enabled during the design initialization and also CAN is put into SLEEP mode then, any bus event
(on MSCAN_RX pin) whose duration is less than 5 microseconds is filtered away. However, a valid CAN bus wakeup detection
takes place for a wakeup pulse equal to or greater than 5 microseconds. The number 5 microseconds originates from the fact
that the CAN wakeup message consists of 5 dominant bits at the highest possible baud rate of 1Mbps.
2.
Parameters listed are guaranteed by design
T WAKEUP
5
—
μs
1
2
3
4
ADC analog input
T WAKEUP
MSCAN_RX
CAN receive
data pin
(Input)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com