Electronic Components Datasheet Search
  English  ▼

X  

56F807 Datasheet(PDF) 38 Page - Freescale Semiconductor, Inc

Part # 56F807
Description  16-bit Digital Signal Controllers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F807 Datasheet(HTML) 38 Page - Freescale Semiconductor, Inc

Back Button 56F807 Datasheet HTML 34Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 35Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 36Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 37Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 38Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 39Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 40Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 41Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 42Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 60 page
background image
56F807 Technical Data Technical Data, Rev. 15
38
Freescale Semiconductor
3.7 Serial Peripheral Interface (SPI) Timing
Table 3-12 SPI Timing1
Operating Conditions: V
SS = VSSA = 0 V, VDD = VDDA = 3.0–3.6 V, TA = –40° to +85°C, CL ≤ 50pF, fOP = 80MHz
1.
Parameters listed are guaranteed by design.
Characteristic
Symbol
Min
Max
Unit
See Figure
Cycle time
Master
Slave
tC
50
25
—
—
ns
ns
3-19-3-22
Enable lead time
Master
Slave
tELD
—
25
—
—
ns
ns
3-22
Enable lag time
Master
Slave
tELG
—
100
—
—
ns
ns
3-22
Clock (SCK) high time
Master
Slave
tCH
17.6
12.5
—
—
ns
ns
3-19, 3-20, 3-21,
3-22
Clock (SCK) low time
Master
Slave
tCL
24.1
25
—
—
ns
ns
3-22
Data set-up time required for inputs
Master
Slave
tDS
20
0
—
—
ns
ns
3-19, 3-20, 3-21,
3-22
Data hold time required for inputs
Master
Slave
tDH
0
2
—
—
ns
ns
3-19, 3-20, 3-21,
3-22
Access time (time to data active from
high-impedance state)
Slave
tA
4.8
15
ns
3-22
Disable time (hold time to high-impedance state)
Slave
tD
3.7
15.2
ns
3-22
Data Valid for outputs
Master
Slave (after enable edge)
tDV
—
—
4.5
20.4
ns
ns
3-19, 3-20, 3-21,
3-22
Data invalid
Master
Slave
tDI
0
0
—
—
ns
ns
3-19, 3-20, 3-21,
3-22
Rise time
Master
Slave
tR
—
—
11.5
10.0
ns
ns
3-19, 3-20, 3-21,
3-22
Fall time
Master
Slave
tF
—
—
9.7
9.0
ns
ns
3-19, 3-20, 3-21,
3-22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60