Electronic Components Datasheet Search
  English  ▼

X  

56F807 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # 56F807
Description  16-bit Digital Signal Controllers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F807 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button 56F807 Datasheet HTML 7Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 8Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 9Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 10Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 11Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 12Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 13Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 14Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 60 page
background image
Clock and Phase Locked Loop Signals
56F807 Technical Data Technical Data, Rev. 15
Freescale Semiconductor
11
2.3 Clock and Phase Locked Loop Signals
2.4 Address, Data, and Bus Control Signals
Table 2-5 PLL and Clock
No. of
Pins
Signal
Name
Signal
Type
State During
Reset
Signal Description
1
EXTAL
Input
Input
External Crystal Oscillator Input—This input should be connected to
an 8MHz external crystal or ceramic resonator. For more information,
please refer to Section 3.4.
1
XTAL
Input/
Output
Chip-driven
Crystal Oscillator Output—This output should be connected to an
8MHz external crystal or ceramic resonator. For more information, please
refer to Section 3.4.
This pin can also be connected to an external clock source. For more
information, please refer to Section 3.4.2.
1
CLKO
Output
Chip-driven
Clock Output—This pin outputs a buffered clock signal. By programming
the CLKOSEL[4:0] bits in the CLKO Select Register (CLKOSR), the user
can select between outputting a version of the signal applied to XTAL and
a version of the device’s master clock at the output of the PLL. The clock
frequency on this pin can also be disabled by programming the
CLKOSEL[4:0] bits in CLKOSR.
Table 2-6 Address Bus Signals
No. of
Pins
Signal
Name
Signal
Type
State During
Reset
Signal Description
6
A0–A5
Output
Tri-stated
Address Bus—A0–A5 specify the address for external Program or
Data memory accesses.
2
A6–A7
GPIOE2-
GPIOE3
Output
Input/O
utput
Tri-stated
Input
Address Bus—A6–A7 specify the address for external Program or
Data memory accesses.
Port E GPIO—These two General Purpose I/O (GPIO) pins can
individually be programmed as input or output pins.
After reset, the default state is Address Bus.
8
A8–A15
GPIOA0-
GPIOA7
Output
Input/O
utput
Tri-stated
Input
Address Bus—A8–A15 specify the address for external Program or
Data memory accesses.
Port A GPIO—These eight General Purpose I/O (GPIO) pins can be
individually programmed as input or output pins.
After reset, the default state is Address Bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com