Electronic Components Datasheet Search
  English  ▼

X  

DLPC7530 Datasheet(PDF) 21 Page - Texas Instruments

Part # DLPC7530
Description  DLPC7530 High-Resolution Controller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC7530 Datasheet(HTML) 21 Page - Texas Instruments

Back Button DLPC7530 Datasheet HTML 17Page - Texas Instruments DLPC7530 Datasheet HTML 18Page - Texas Instruments DLPC7530 Datasheet HTML 19Page - Texas Instruments DLPC7530 Datasheet HTML 20Page - Texas Instruments DLPC7530 Datasheet HTML 21Page - Texas Instruments DLPC7530 Datasheet HTML 22Page - Texas Instruments DLPC7530 Datasheet HTML 23Page - Texas Instruments DLPC7530 Datasheet HTML 24Page - Texas Instruments DLPC7530 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 112 page
background image
available as a general purpose I/O). More information on GPIO allocations for specific product configurations can be found in Section
6.3.8.
(4)
All GPIO that are available as a general purpose I/O must be configured as an input, a standard output, or an open-drain output. This
is set in the flash configuration. Configure unused GPIO as a logic zero output and leave unconnected, otherwise an external pullup or
pulldown resistor is required to avoid a floating input. The reset default for all GPIO is as an input signal.
An external pullup resistor (≤ 10kΩ) is required for each signal configured as open-drain output.
Table 4-11. Clock and Support
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
REFCLKA_I
AJ18
I9
Crystal A Input: Reference clock crystal input(2) (3)
REFCLKA_O
AK18
O10
Crystal A Output: Reference clock crystal output(2)
REFCLKB_I
B16
I14
Crystal B Input: Reference clock crystal input(2) (3)
REFCLKB_O
A16
O15
Crystal B Output: Reference clock crystal output(2)
OCLKA
AD30
O8
General Purpose Output Clock A (4)
Targeted for driving Color Wheel motor controller. Frequency is software programmable, with a
power-up default frequency of 0.77MHz.
Note: The output frequency is not affected by non-power-up reset operations (that is, the
system holds the last programmed value until system is power cycled).
(1)
See Table 4-13 for more information on I/O definitions.
(2)
For more information on this signal see Section 5.12.
(3)
For applications where an external oscillator is used in place of a crystal, use an oscillator to drive this pin.
(4)
For more information on this signal see Section 5.22.
Table 4-12. Power and Ground
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
VDD115_PLLMA
AE18
PWR
1.15V digital power for MCG (Controller Clock Generator A)
PLL
VDD115_PLLMB
F15
PWR
1.15V digital power for MCG (Controller Clock Generator B)
PLL
VAD115_PLLS
F16
PWR
1.15V analog power for SCG doubler PLL
VAD18_PLLMA
AE19
PWR
1.8V analog power for MCG (Controller Clock Generator A)
PLL
VAD18_PLLMB
F14
PWR
1.8V analog power for MCG (Controller Clock Generator B)
PLL
VAD33_OSCA
Y18
PWR
3.3V analog power for Crystal-OSC
VAD33_OSCB
L17
PWR
3.3V analog power for Crystal-OSC
VAD115_FPD
F7,F9,F11,J6,L12
PWR
1.15V analog power for FPD
VDD33_FPD
E6,E8,E10,E12,E14,G6,L11,L13
PWR
3.3V digital power for FPD
VAD115_VX1
F24,L18
PWR
1.15V analog power for VX1
VAD18_VX1
E18,L19
PWR
1.8V analog power for VX1
VAD33_USB
D27,E26,F25
PWR
3.3V analog power for USB
VDD18_SCS
L16,R6,T25,AE16
PWR
1.8V digital power for SCS DRAM
VDD121_SCS
L15,N11,P20,U11,V20,Y16
PWR
1.21-V digital power for SCS SRAM
VAD115_HSSI
Y14,Y19,AF7,AF9,AF11,AF13AF21,A
F23,AF25
PWR
1.15V analog power for HSSI interface
VAD115_HSSI0_PLL
AE22
PWR
1.15V analog power for HSSI-0 PLL
VAD115_HSSI1_PLL
AE10
PWR
1.15V analog power for HSSI-1 PLL
VDD33_HSSI
Y12,Y20,AE8,AE12,AE20,AE24
PWR
3.3V digital power for HSSI interface
VAD18_LSIF
Y15,AE13,AE14
PWR
1.8V analog power for DMD low-speed interface
LVDS_VREFTEST
AF16
Manufacturing test use only; must be left open-unconnected
VDD115
L14,L20,M11,N20,P11,R20,T11,U20,
V11,W20,Y11,Y13,Y17
PWR
1.15V core power
www.ti.com
DLPC7530
DLPS271 – APRIL 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: DLPC7530



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com