Electronic Components Datasheet Search
  English  ▼

X  

DLPC7530 Datasheet(PDF) 13 Page - Texas Instruments

Part # DLPC7530
Description  DLPC7530 High-Resolution Controller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC7530 Datasheet(HTML) 13 Page - Texas Instruments

Back Button DLPC7530 Datasheet HTML 9Page - Texas Instruments DLPC7530 Datasheet HTML 10Page - Texas Instruments DLPC7530 Datasheet HTML 11Page - Texas Instruments DLPC7530 Datasheet HTML 12Page - Texas Instruments DLPC7530 Datasheet HTML 13Page - Texas Instruments DLPC7530 Datasheet HTML 14Page - Texas Instruments DLPC7530 Datasheet HTML 15Page - Texas Instruments DLPC7530 Datasheet HTML 16Page - Texas Instruments DLPC7530 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 112 page
background image
Table 4-10. GPIO Peripheral Interface (continued)
PIN
TYPE(1)
DESCRIPTION(2) (3) (4)
NAME
NO.
GPIO_86
L5
B8
General purpose I/O 86: Options:
1.
Alt 0: Reserved
2.
Alt 1: DAO_DI_1 (I)
3.
Optional GPIO
GPIO_85
L4
B8
General purpose I/O 85: Options:
1.
Alt 0: Reserved
2.
Alt 1: DAO_DI_0 (I)
3.
Optional GPIO
GPIO_84
L3
B8
General purpose I/O 84: Options:
1.
Alt 0: Reserved
2.
Alt 1: HBT_CLKIN_2 (I)
3.
Optional GPIO
GPIO_83
L2
B8
General purpose I/O 83: Options:
1.
Alt 0: Reserved
2.
Alt 1: HBT_DI_2 (I)
3.
Optional GPIO
GPIO_82
M5
B8
General purpose I/O 82: Options:
1.
Alt 0: Reserved
2.
Alt 1: HBT_CLKIN_1 (I)
3.
Optional GPIO
GPIO_81
M4
B8
General purpose I/O 81: Options:
1.
Alt 0: Reserved
2.
Alt 1: HBT_DI_1 (I)
3.
Optional GPIO
GPIO_80
M2
B8
General purpose I/O 80: Options:
1.
Alt 0: Reserved
2.
Alt 1: HBT_CLKIN_0 (I)
3.
Optional GPIO
GPIO_79
M1
B8
General purpose I/O 79: Options:
1.
Alt 0: Reserved
2.
Alt 1: HBT_DI_0 (I)
3.
Optional GPIO
GPIO_78
N5
B8
General purpose I/O 78: Options:
1.
Alt 0: Reserved
2.
Alt 1: SEQ_SYNC (B/ open drain)
3.
Optional GPIO
GPIO_77
N4
B8
General purpose I/O 77: Options:
1.
Alt 0: Reserved
2.
Alt 1: EFSYNC (O)/ DASYNC (I)
3.
Optional GPIO
GPIO_76
AD5
B8
General purpose I/O 76: Options:
1.
Alt 0: AWC1_DACD_PWMB_1 (O)
2.
Alt 1: N/A
3.
Optional GPIO
www.ti.com
DLPC7530
DLPS271 – APRIL 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: DLPC7530



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com