Electronic Components Datasheet Search
  English  ▼

X  

DLPC7530 Datasheet(PDF) 49 Page - Texas Instruments

Part # DLPC7530
Description  DLPC7530 High-Resolution Controller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC7530 Datasheet(HTML) 49 Page - Texas Instruments

Back Button DLPC7530 Datasheet HTML 45Page - Texas Instruments DLPC7530 Datasheet HTML 46Page - Texas Instruments DLPC7530 Datasheet HTML 47Page - Texas Instruments DLPC7530 Datasheet HTML 48Page - Texas Instruments DLPC7530 Datasheet HTML 49Page - Texas Instruments DLPC7530 Datasheet HTML 50Page - Texas Instruments DLPC7530 Datasheet HTML 51Page - Texas Instruments DLPC7530 Datasheet HTML 52Page - Texas Instruments DLPC7530 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 112 page
background image
VSYNC_WE
HSYNC_CS
DATAEN_CMD
tp_vsw
1 Frame
tp_vbp
tp_vfp
HSYNC_CS
DATAEN_CMD
tp_hsw
1 Line
tp_hfp
tp_hbp
PDATA(23/15:0)
P0
PCLK
P1
P2
P3
P
n-2
P
n-1
Pn
(This diagram assumes the VSYNC
active edge is the rising edge)
(This diagram assumes the HSYNC
active edge is the rising edge)
Figure 5-16. Source Frame Timing
5.20 Synchronous Serial Port Interface Timing Requirements
For SSP0, SSP1, and SSP2(1)(2)
PARAMETER
MIN
MAX
UNIT
SSP Controller
fclock
Clock frequency, SSPx_CLK
50% to 50% reference points
0.38
39.0
MHz
tclock
Clock Period, SSPx_CLK
50% to 50% reference points
25.6
3632
ns
tw(L)
Pulse duration low, SSPx_CLK
50% to 50% reference points
12.0
ns
tw(H)
Pulse duration high, SSPx_CLK
50% to 50% reference points
12.0
ns
tdelay
Output Delay – SSPx_TXD (MOSI)
–2.5
2.5
ns
tsu
Setup time – SSPx_RXD (MISO)
50% to 50% reference points
15.0
ns
th
hold time – SSPx_RXD (MISO)
50% to 50% reference points
0
ns
tt
Transition time (tr and tf- SSPx_RXD
20% to 80% reference points
1.5
ns
tclkjit
Clock jitter, SSPx_CLK
300
ps
tdelay∆
Clock output delay ∆ { | tw(H) – tw(L) | }
500
ps
SSP Peripheral
tdelay
Output Delay – SSPx_TXD (MOSI)
0
15
ns
tsu
Setup time – SSPx_RXD (MISO)
50% to 50% reference points
2.5
ns
th
Hold time – SSPx_RXD (MISO)
50% to 50% reference points
2.5
ns
(1)
The DLPC7530 SPI interfaces support SPI Modes 0, 1, 2, and 3 (that is, both clock polarities and both clock phases) as shown in
Table 5-2 and Figure 5-17. As such, each SPI interface configuration must be setup to match the SPI mode being used.
(2)
In most SPI applications, one clock edge is used by both controller and peripheral devices for transmitting data while the other edge
is use by both for sampling received data. This is referred to as Standard SPI Protocol. To maximize the SPI_CLK frequency potential,
SPI controllers can alternatively be designed to sample the data in (MISO) bit on the same clock edge used to transmit the next data
out (MOSI) bit. This is referred to as Enhanced SPI Protocol. The DLPC7530 SPI controller implementation supports both protocols
(part of SPI interface configuration), however, to be able to use the "Enhanced SPI Protocol," the peripheral device must meet the
requirement shown in Figure 5-18.
www.ti.com
DLPC7530
DLPS271 – APRIL 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
49
Product Folder Links: DLPC7530



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com