Electronic Components Datasheet Search
  English  ▼

X  

DLPC7530 Datasheet(PDF) 97 Page - Texas Instruments

Part # DLPC7530
Description  DLPC7530 High-Resolution Controller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC7530 Datasheet(HTML) 97 Page - Texas Instruments

Back Button DLPC7530 Datasheet HTML 93Page - Texas Instruments DLPC7530 Datasheet HTML 94Page - Texas Instruments DLPC7530 Datasheet HTML 95Page - Texas Instruments DLPC7530 Datasheet HTML 96Page - Texas Instruments DLPC7530 Datasheet HTML 97Page - Texas Instruments DLPC7530 Datasheet HTML 98Page - Texas Instruments DLPC7530 Datasheet HTML 99Page - Texas Instruments DLPC7530 Datasheet HTML 100Page - Texas Instruments DLPC7530 Datasheet HTML 101Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 112 page
background image
• No external termination resistors are required on the DMD_HSSI or DMD_LS differential signals.
• Include a series termination resistor (with a value of 30.1Ω, for example) to the DMD_LS0_RDATA and
DMD_LS1_RDATA single-ended signal paths. Place the resistor as close as possible to the corresponding
DMD pin.
• The DMD_DEN_ARSTZ does not typically require a series resistor; however, for a long trace, one might be
needed to reduce undershoot or overshoot.
9.1.9 General Handling Guidelines for Unused CMOS-Type Pins
To avoid potential damage to unused video source inputs and unused GPIO, the instructions specifically noted in
the associated Section 4 must be followed. For those unused inputs without specific instructions, TI recommends
that these input pins be tied through a pullup resistor to its associated power supply or a pulldown to ground.
Unused output-only pins can remain open. Never tie unused output-only pins directly to power or ground.
For controller inputs with an internal pullup or pulldown resistor, it is unnecessary to add an external pullup
or pulldown unless specifically recommended. Internal pullup and pulldown resistors are weak and cannot be
expected to drive the external line. When external pullup or pulldown resistors are needed for pins that have
built-in weak pullups or pulldowns, use the value specified in Table 4-14.
There are also power supply considerations that must be followed for any unused video sources. These are
detailed in Section 8.3.
www.ti.com
DLPC7530
DLPS271 – APRIL 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
97
Product Folder Links: DLPC7530



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com