Electronic Components Datasheet Search
  English  ▼

X  

DLPC7530 Datasheet(PDF) 96 Page - Texas Instruments

Part # DLPC7530
Description  DLPC7530 High-Resolution Controller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC7530 Datasheet(HTML) 96 Page - Texas Instruments

Back Button DLPC7530 Datasheet HTML 92Page - Texas Instruments DLPC7530 Datasheet HTML 93Page - Texas Instruments DLPC7530 Datasheet HTML 94Page - Texas Instruments DLPC7530 Datasheet HTML 95Page - Texas Instruments DLPC7530 Datasheet HTML 96Page - Texas Instruments DLPC7530 Datasheet HTML 97Page - Texas Instruments DLPC7530 Datasheet HTML 98Page - Texas Instruments DLPC7530 Datasheet HTML 99Page - Texas Instruments DLPC7530 Datasheet HTML 100Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 112 page
background image
135
o < Angle < 225o
Shield
Differential Pair
Shield
Figure 9-15. USB Routing Example
Additional USB layout guidelines for TXRTUNE
• Use the shortest possible connection lengths for the resistor between TXRTUNE and ground.
• Use ground layer and ground guard traces to shield the wires and resistor.
9.1.8 DMD Interface Layout Considerations
The DLPC7530 controller HSSI differential interface waveform quality and timing is dependent on the total length
of the interconnect system, the spacing between traces, the characteristic impedance, etch losses, and how well
matched the lengths are across the interface. Thus, ensuring a positive timing margin requires attention to many
factors.
DLPC7530 I/O timing parameters as well as DMD I/O timing parameters can be found in their corresponding
data sheets. Similarly, PCB routing mismatch can be budgeted and met through controlled PCB routing. PCB
design recommendations are provided in Table 9-8, Figure 9-16, and the paragraph below as a starting point for
the customer.
Table 9-8. PCB Recommendations for DMD Interface(1)(2)
PARAMETER
MIN
MAX
UNIT
TW
Trace Width
5.7
mils
TS
Intra-lane Trace Spacing
5.3
mils
TSPP
Inter-lane trace spacing(3)
48.3
mils
(1)
Recommendations to achieve the desired nominal differential impedance as specified by RDIFF in Section 5.7.
(2)
These parameters show recommendations based on the micro-strip design shown in Figure 9-16. This design minimizes signal loss
to support longer trace lengths at the expense of electromagnetic interference (EMI). The designer has the option to use a stripline
design for shorter trace lengths and to target minimizing EMI at the expense of signal loss.
(3)
A reduced inter-lane spacing can be used to escape the controller ball field, however, widen this spacing to at least the stated
minimum after the escape.
Tw
Tw
Tw
Tw
Tspp
Ground Plane
Signal Traces
Ts
Ts
Differential Pair #1
Differential Pair #2
Figure 9-16. DMD Differential Layout Recommendations
Additional DMD interface layout guidelines:
• Route the differential signal pairs on the top layer of the PBC to minimize the number of vias. Limit the
number of necessary vias to two. If two are required, place one at each end of the line (one at the controller
and one at the DMD).
• Route the differential signal pairs over a single ground or power plane using a Micro-strip line configuration.
• Do not route the differential signal pairs over the slit of power or ground planes.
• Ensure the bend angles associated with the differential signal pairs are between 135° and 225°.
• Route the single-ended signal in a way that minimizes the number of vias required. Limit the number of
necessary vias to two. If two are required, place one at each end of the line (one at the controller and one at
the DMD).
• Avoid stubs.
DLPC7530
DLPS271 – APRIL 2024
www.ti.com
96
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: DLPC7530



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com