Electronic Components Datasheet Search
  English  ▼

X  

DLPC7530 Datasheet(PDF) 26 Page - Texas Instruments

Part # DLPC7530
Description  DLPC7530 High-Resolution Controller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC7530 Datasheet(HTML) 26 Page - Texas Instruments

Back Button DLPC7530 Datasheet HTML 22Page - Texas Instruments DLPC7530 Datasheet HTML 23Page - Texas Instruments DLPC7530 Datasheet HTML 24Page - Texas Instruments DLPC7530 Datasheet HTML 25Page - Texas Instruments DLPC7530 Datasheet HTML 26Page - Texas Instruments DLPC7530 Datasheet HTML 27Page - Texas Instruments DLPC7530 Datasheet HTML 28Page - Texas Instruments DLPC7530 Datasheet HTML 29Page - Texas Instruments DLPC7530 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 112 page
background image
5.3 Recommended Operating Conditions (continued)
Over operating free-air temperature range (unless otherwise noted)
PARAMETER
TOLERANCE
MIN
NOM
MAX
UNIT
ΔV(VDD33_HSSI) (I/O)
pk-pkVDD33_HSSI supply noise
@ 10MHz (sine)
60
mV
GENERAL
TJ
Operating junction temperature
0
115
°C
TC
Operating case temperature
0
108
°C
TA
Operating ambient temperature
(1) (2)
0
55
°C
(1)
The operating ambient temperature range values were determined based on the board design parameters described in Section 9.1.1 ,
rather than using a JEDEC JESD51 standard test card and environment, along with min and max estimated power dissipation across
process, voltage, and temperature. Ambient thermal conditions, which impact RθJA, vary by application. Thus, maximum operating
ambient temperature varies by application.
a.
Ta_min = Tj_min – (Pd_min × RθJA) = 0°C – (host_min_valueW × host_value°C/W) = –host_calculated_value°C
b.
Ta_max = Tj_max – (Pd_max × RθJA) = +115°C – (host_max_valueW × host_value°C/W) = +host_calculated_value°C
(2)
Operating ambient temperature is dependent on system thermal design. Operating case temperature cannot exceed its specified
range across ambient temperature conditions.
DLPC7530
DLPS271 – APRIL 2024
www.ti.com
26
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: DLPC7530



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com