Electronic Components Datasheet Search
  English  ▼

X  

DLPC7530 Datasheet(PDF) 43 Page - Texas Instruments

Part # DLPC7530
Description  DLPC7530 High-Resolution Controller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC7530 Datasheet(HTML) 43 Page - Texas Instruments

Back Button DLPC7530 Datasheet HTML 39Page - Texas Instruments DLPC7530 Datasheet HTML 40Page - Texas Instruments DLPC7530 Datasheet HTML 41Page - Texas Instruments DLPC7530 Datasheet HTML 42Page - Texas Instruments DLPC7530 Datasheet HTML 43Page - Texas Instruments DLPC7530 Datasheet HTML 44Page - Texas Instruments DLPC7530 Datasheet HTML 45Page - Texas Instruments DLPC7530 Datasheet HTML 46Page - Texas Instruments DLPC7530 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 112 page
background image
tX2
0
1 UI
VOD(max)
VOD(min)
±VOD(min)
±VOD(max)
0 V
tEYE
tX1
tX2
tX1
Figure 5-11. HSSI Eye Characteristics
5.15 DMD Low-Speed LVDS Timing Requirements
over operating free-air temperature range (unless otherwise noted)
PARAMETER
MIN
NOM
MAX
UNIT
fclock
119.966
120
120.034
MHz
tR (1)
Differential output rise time
(10% to 90%)
250
ps
tF (1)
Differential output fall time
(10% to 90%)
250
ps
DCD
Duty cycle distortion
45%
55%
(1)
Rise and fall times are associated with VDIFF-pp, as shown in Figure 5-12 .
+VDIFF(PP)/2
20
10
40
30
60
(0 V) 50
80
70
100
90
0
tF .
VDIFF(PP)
±VDIFF(PP)/2
tR.
VCM is removed when signals are viewed differentially.
Figure 5-12. DMD Low-Speed Differential Timing Parameters
5.16 V-by-One Interface General Timing Requirements
PARAMETER(1)
MIN
MAX
UNIT
fclock
Source clock frequency
40 (1 lane)
20 (1 lane with pixel
repeat) (2)
600 (8
lanes)
MHz
www.ti.com
DLPC7530
DLPS271 – APRIL 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
43
Product Folder Links: DLPC7530



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com