Electronic Components Datasheet Search
  English  ▼

X  

DLPC7530 Datasheet(PDF) 36 Page - Texas Instruments

Part # DLPC7530
Description  DLPC7530 High-Resolution Controller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC7530 Datasheet(HTML) 36 Page - Texas Instruments

Back Button DLPC7530 Datasheet HTML 32Page - Texas Instruments DLPC7530 Datasheet HTML 33Page - Texas Instruments DLPC7530 Datasheet HTML 34Page - Texas Instruments DLPC7530 Datasheet HTML 35Page - Texas Instruments DLPC7530 Datasheet HTML 36Page - Texas Instruments DLPC7530 Datasheet HTML 37Page - Texas Instruments DLPC7530 Datasheet HTML 38Page - Texas Instruments DLPC7530 Datasheet HTML 39Page - Texas Instruments DLPC7530 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 112 page
background image
5.12 System Oscillator Timing Requirements
PARAMETER
MIN
NOM
MAX
UNIT
ƒclock Clock frequency, REFCLKA(1) (2)
PLLA: 40MHz
39.9960
40.000
40.0040
MHz
tc
Cycle time, REFCLKA(1)
PLLA: 40MHz
24.9975
25.000
25.0025
ns
tw(H) Pulse duration(3), REFCLKA, high
PLLA: 40MHz
50% to 50% reference points (signal)
11.25
ns
tw(L)
Pulse duration(3), REFCLKA, low
PLLA: 40MHz
50% to 50% reference points (signal)
11.25
ns
tt
Transition time(3), REFCLKA, tt = tƒ / tr
PLLA: 40MHz
20% to 80% reference points (signal)
2.5
ns
tjp
Long term periodic jitter(3), REFCLKA
(that is the deviation in period from
ideal period due solely to high
frequency jitter)
PLLA: 40MHz
18
ps
fclock Clock frequency, REFCLKB(1)
PLLB: 38MHz
37.9962
38.000
38.0038
MHz
tc
Cycle time, REFCLKB(1)
PLLB: 38MHz
26.3132
26.3157
26.3184
ns
tw(H) Pulse duration(3), REFCLKB, high
PLLB: 38MHz
50% to 50% reference points (signal)
11.84
ns
tw(L)
Pulse duration(3), REFCLKB, low
PLLB: 38MHz
50% to 50% reference points (signal)
11.84
ns
tt
Transition time(3), REFCLKB, tt = tƒ / tr
PLLB: 38MHz
20% to 80% reference points (signal)
2.63
ns
tjp
Long term periodic jitter(3), REFCLKB
(that is the deviation in period from
ideal period due solely to high
frequency jitter)
PLLB: 38MHz
18
ps
(1)
The REFCLK inputs do not support spread spectrum clock spreading.
(2)
Multi-controller systems require that a single oscillator be used to drive the REFCLKA input for all controllers in the system.
(3)
Applies only when driven through an external digital oscillator. This is a 1-sigma RMS value.
REFCLK
50%
80%
20%
50%
50%
tc
tw(H)
tw(L)
tt
80%
20%
tt
Figure 5-4. System Oscillators
DLPC7530
DLPS271 – APRIL 2024
www.ti.com
36
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: DLPC7530



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com