Electronic Components Datasheet Search
  English  ▼

X  

AD9995 Datasheet(PDF) 52 Page - Analog Devices

Part # AD9995
Description  12-Bit CCD Signal Processor with Precision Timing ??Generator
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9995 Datasheet(HTML) 52 Page - Analog Devices

Back Button AD9995 Datasheet HTML 48Page - Analog Devices AD9995 Datasheet HTML 49Page - Analog Devices AD9995 Datasheet HTML 50Page - Analog Devices AD9995 Datasheet HTML 51Page - Analog Devices AD9995 Datasheet HTML 52Page - Analog Devices AD9995 Datasheet HTML 53Page - Analog Devices AD9995 Datasheet HTML 54Page - Analog Devices AD9995 Datasheet HTML 55Page - Analog Devices AD9995 Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 60 page
background image
AD9995
–52–
Table XLII.V-Sequence 5 (VSEQ5) Register Map
Data Bit Default
Address Content Value
Register Name
Description
A8
[1:0]
0
HBLKMASK_5
Masking Polarity during HBLK. H1 [0]. H3 [1].
[2]
0
CLPOBPOL_5
CLPOBPOL
CLPOBPOL
CLPOB Start Polarity
[3]
0
PBLKPOL_5
PBLKPOL
PBLKPOL
PBLK Start Polarity
[7:4]
0
VPATSEL_5
VPATSEL
VPATSEL
Selected V-Pattern Group for V-Sequence 5
[9:8]
0
VMASK_5
VMASK
VMASK
Enable Masking of V-Outputs (Specified by FREEZE/RESUME Registers)
[11:10]
0
HBLKALT_5
Enable HBLK Alternation
[23:12]
0
UNUSED
Unused
A9
[11:0]
0
VPATREPO_5
Number of Selected V-Pattern Group Repetitions for Odd Lines
[23:12]
0
VPATREPE_5
Number of Selected V-Pattern Group Repetitions for Even Lines
AA
[11:0]
0
VPATSTART_5
Start Position in the Line for the Selected V-Pattern Group
[23:12]
0
HDLEN_5
HD Line Length (Number of Pixels) for V-Sequence 5
AB
[11:0]
0
PBLKTOG1_5
PBLK Toggle Position 1 for V-Sequence 5
[23:12]
0
PBLKTOG2_5
PBLK Toggle Position 2 for V-Sequence 5
AC
[11:0]
0
HBLKTOG1_5
HBLK Toggle Position 1 for V-Sequence 5
[23:12]
0
HBLKTOG2_5
HBLK Toggle Position 2 for V-Sequence 5
AD
[11:0]
0
HBLKTOG3_5
HBLK Toggle Position 3 for V-Sequence 5
[23:12]
0
HBLKTOG4_5
HBLK Toggle Position 4 for V-Sequence 5
AE
[11:0]
0
HBLKTOG5_5
HBLK Toggle Position 5 for V-Sequence 5
[23:12]
0
HBLKTOG6_5
HBLK Toggle Position 6 for V-Sequence 5
AF
[11:0]
0
CLPOBTOG1_5
CLPOB Toggle Position 1 for V-Sequence 5
[23:12]
0
CLPOBTOG2_5
CLPOB Toggle Position 2 for V-Sequence 5
Table XLIII.V-Sequence 6 (VSEQ6) Register Map
Data Bit Default
Address Content Value
Register Name
Description
B0
[1:0]
0
HBLKMASK_6
Masking Polarity during HBLK. H1 [0]. H3 [1].
[2]
0
CLPOBPOL_6
CLPOBPOL
CLPOBPOL
CLPOB StartPolarity
[3]
0
PBLKPOL_6
PBLKPOL
PBLKPOL
PBLK Start Polarity
[7:4]
0
VPATSEL_6
VPATSEL
VPATSEL
Selected V-Pattern Group for V-Sequence 6
[9:8]
0
VMASK_6
VMASK
VMASK
Enable Masking of V-Outputs (Specified by FREEZE/RESUME Registers)
[11:10]
0
HBLKALT_6
Enable HBLK Alternation
[23:12]
0
UNUSED
Unused
B1
[11:0]
0
VPATREPO_6
Number of Selected V-Pattern Group Repetitions for Odd Lines
[23:12]
0
VPATREPE_6
Number of Selected V-Pattern Group Repetitions for Even Lines
B2
[11:0]
0
VPATSTART_6
Start Position in the Line for the Selected V-Pattern Group
[23:12]
0
HDLEN_6
HD Line Length (Number of Pixels) for V-Sequence 6
B3
[11:0]
0
PBLKTOG1_6
PBLK Toggle Position 1 for V-Sequence 6
[23:12]
0
PBLKTOG2_6
PBLK Toggle Position 2 for V-Sequence 6
B4
[11:0]
0
HBLKTOG1_6
HBLK Toggle Position 1 for V-Sequence 6
[23:12]
0
HBLKTOG2_6
HBLK Toggle Position 2 for V-Sequence 6
B5
[11:0]
0
HBLKTOG3_6
HBLK Toggle Position 3 for V-Sequence 6
[23:12]
0
HBLKTOG4_6
HBLK Toggle Position 4 for V-Sequence 6
B6
[11:0]
0
HBLKTOG5_6
HBLK Toggle Position 5 for V-Sequence 6
[23:12]
0
HBLKTOG6_6
HBLK Toggle Position 6 for V-Sequence 6
B7
[11:0]
0
CLPOBTOG1_6
CLPOB Toggle Position 1 for V-Sequence 6
[23:12]
0
CLPOBTOG2_6
CLPOB Toggle Position 2 for V-Sequence 6
REV. 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com