Electronic Components Datasheet Search
  English  ▼

X  

AD9995 Datasheet(PDF) 34 Page - Analog Devices

Part # AD9995
Description  12-Bit CCD Signal Processor with Precision Timing ??Generator
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9995 Datasheet(HTML) 34 Page - Analog Devices

Back Button AD9995 Datasheet HTML 30Page - Analog Devices AD9995 Datasheet HTML 31Page - Analog Devices AD9995 Datasheet HTML 32Page - Analog Devices AD9995 Datasheet HTML 33Page - Analog Devices AD9995 Datasheet HTML 34Page - Analog Devices AD9995 Datasheet HTML 35Page - Analog Devices AD9995 Datasheet HTML 36Page - Analog Devices AD9995 Datasheet HTML 37Page - Analog Devices AD9995 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 60 page
background image
AD9995
–34–
VD
HD
NOTES
1. SYNC RISING EDGE RESETS VD/HD AND COUNTERS TO ZERO.
2. SYNC POLARITY IS PROGRAMMABLE USING SYNCPOL REGISTER (ADDR 0x13).
3. DURING SYNC LOW, ALL INTERNAL COUNTERS ARE RESET AND VD/HD CAN BE SUSPENDED USING THE SYNCSUSPEND REGISTER (ADDR 0x14).
4. IF SYNCSUSPEND = 1, VERTICAL CLOCKS, H1–H2, AND RG ARE HELD AT THEIR DEFAULT POLARITIES.
5. IF SYNCSUSPEND = 0, ALL CLOCK OUTPUTS CONTINUE TO OPERATE NORMALLY UNTIL SYNC RESET EDGE.
SUSPEND
SYNC
H124, RG, V1–V4,
VSG, SUBCK
Figure 36. SYNCTiming to Synchronize AD9995 with ExternalTiming
0
1
2
3
4
5
6
7
8
H-COUNTER
RESET
VD
NOTES
INTERNAL H-COUNTER IS RESET 17 CLI CYCLES AFTER THE HD FALLING EDGE (WHEN USING VDHDPOL = 0).
TYPICAL TIMING RELATIONSHIP: CLI RISING EDGE IS COINCIDENT WITH HD FALLING EDGE.
HD
CLI
X
X
X
X
X
X
X
X
X
H-COUNTER
(PIXEL COUNTER)
X
X
X
X
X
X
X
X
X
X
9
Figure 37. External VD/HD and Internal H-Counter Synchronization, Slave Mode
SYNC during Master Mode Operation
The SYNC input may be used at any time during operation to
resync the AD9995 counters with external timing, as shown in
Figure 36.The operation of the digital outputs may be suspended
during the SYNC operation by setting the SYNCSUSPEND
register (Addr. 0x14) to 1.
Power-Up and Synchronization in Slave Mode
The power-up procedure for Slave mode operation is the same
as the procedure described for Master mode operation, with two
exceptions:
• Eliminate Step 9. Do not write the part into Master mode.
• No SYNC pulse is required in Slave mode. Substitute Step 12
with starting the external VD and HD signals. This will syn-
chronize the part, allow Bank 1 register updates, and start the
timing operation.
When the AD9995 is used in Slave mode, the VD and HD inputs
are used to synchronize the internal counters. Following a falling
edge of VD, there will be a latency of 17 master clock cycles (CLI)
after the falling edge of HD until the internal H-counter will be
reset. The reset operation is shown in Figure 37.
STANDBY MODE OPERATION
The AD9995 contains three different standby modes
to optimize the overall power dissipation in a particular
application. Bits [1:0] of the OPRMODE register control
the power-down state of the device:
OPRMODE [1:0] = 00 = Normal Operation (Full Power)
OPRMODE[1:0] = 01 = Standby 1 Mode
OPRMODE[1:0] = 10 = Standby 2 Mode
OPRMODE[1:0] = 11 = Standby 3 Mode (Lowest Overall Power)
Table XIV summarizes the operation of each power-down
mode. Note that the OUT_CONTROL register takes priority
over the Standby 1 and Standby 2 modes in determining
the digital output states, but Standby 3 mode takes priority
over OUT_CONTROL. Standby 3 has the lowest power
consumption, and even shuts down the crystal oscillator cir-
cuit between CLI and CLO. Therefore, if CLI and CLO are
being used with a crystal to generate the master clock, this
circuit will be powered down and there will be no clock signal.
When returning from Standby 3 mode to normal operation, the
timing core must be reset at least 500 µs after the OPRMODE
register is written to. This will allow sufficient time for the crys-
tal circuit to settle.
REV. 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com