| Electronic Components Datasheet Search |
|
AD9995 Datasheet(PDF) 20 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9995 Datasheet(HTML) 20 Page - Analog Devices |
|
20 / 60 page ![]() AD9995 –20– Generating Line Alternation for V-Sequence and HBLK During low resolution readout, some CCDs require a different number of vertical clocks on alternate lines.The AD9995 can support this by using the VPATREPO and VPATREPE regis- ters.This allows a different number of VPAT repetitions to be programmed on odd and even lines. Note that only the number of repeats can be different in odd and even lines, but the VPAT group remains the same. Additionally, the HBLK signal can also be alternated for odd and even lines. When the HBLKALT register is set high, the HBLK TOG1 and TOG2 positions will be used on odd lines and the TOG3–TOG6 positions will be used on even lines. This allows the HBLK interval to be adjusted on odd and even lines if needed. Figure 19 shows an example of VPAT repetition alternation and HBLK alternation used together. It is also possible to use VPAT and HBLK alternation separately. Second V-Pattern Group during VSG Active Line Most CCDs require additional vertical timing during the sensor gate line.The AD9995 supports the option to output a second V-pattern group for V1–V6 during the line when the sensor gates VSG1–VSG5 are active. Figure 20 shows a typical VSG line, which includes two separate sets of V-pattern groups for V1–V6.The V-pattern group at the start of the VSG line is selected in the same manner as the other regions, using the appropriate VSEQSEL register.The second V-pattern group, unique to the VSG line, is selected using the VPATSECOND register, located with the Field registers.The start position of the second VPAT group uses the VPATLEN register from the selected VPAT registers. Because the VPATLEN register is used as the start position and not as the VPAT length, it is not possible to program multiple repetitions for the second VPAT group. V1 V2 VPATREPO = 2 V6 HD VPATREPE = 5 VPATREPO = 2 NOTES 1. THE NUMBER OF REPEATS FOR THE V-PATTERN GROUP MAY BE ALTERNATED ON ODD AND EVEN LINES. 2. THE HBLK TOGGLE POSITIONS MAY BE ALTERNATED BETWEEN ODD AND EVEN LINES IN ORDER TO GENERATE DIFFERENT HBLK PATTERNS FOR ODD/EVEN LINES. HBLK TOG1 TOG2 TOG3 TOG4 TOG1 TOG2 Figure 19. Odd/Even Line Alternation of VPAT Repetitions and HBLKToggle Positions V1 V2 V6 HD VSG 2ND VPAT GROUP START POSITION FOR 2ND VPAT GROUP USES VPATLEN REGISTER Figure 20. Example of Second VPAT Group during Sensor Gate Line REV. 0 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |