Electronic Components Datasheet Search
  English  ▼

X  

AD9995 Datasheet(PDF) 28 Page - Analog Devices

Part # AD9995
Description  12-Bit CCD Signal Processor with Precision Timing ??Generator
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9995 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD9995 Datasheet HTML 24Page - Analog Devices AD9995 Datasheet HTML 25Page - Analog Devices AD9995 Datasheet HTML 26Page - Analog Devices AD9995 Datasheet HTML 27Page - Analog Devices AD9995 Datasheet HTML 28Page - Analog Devices AD9995 Datasheet HTML 29Page - Analog Devices AD9995 Datasheet HTML 30Page - Analog Devices AD9995 Datasheet HTML 31Page - Analog Devices AD9995 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 60 page
background image
AD9995
–28–
It is possible to independently trigger the readout operation
without triggering the exposure operation.This will cause the
readout to occur at the next VD, and the SUBCK output will be
suppressed according to the value of the READOUT register.
The TRIGGER register is also used to control the STROBE,
MSHUT, and VSUB signal transitions. Each of these signals are
individually controlled, although they will be dependent on the
triggering of the exposure and readout operation.
See Figure 32 for a complete example of triggering the exposure
and readout operations.
VSUB Control
The CCD readout bias (VSUB) can be programmed to accom-
modate different CCDs. Figure 29 shows two different modes
that are available. In Mode 0, VSUB goes active during the field
of the last SUBCK when the exposure begins. The On position
(rising edge in Figure 29) is programmable to any line within
the field. VSUB will remain active until the end of the image
readout. In Mode 1, the VSUB is not activated until the start of
the readout.
An additional function called VSUB KEEP-ON is also available.
When this bit is set high, the VSUB output will remain on (active)
even after the readout has finished.To disable the VSUB at a later
time, set this bit back to low.
MSHUT and STROBE Control
MSHUT and STROBE operation is shown in Figures 30, 31,
and 32.Table XII shows the register parameters for controlling
the MSHUT and STROBE outputs.The MSHUT output is
switched on with the MSHUTON registers, and will remain on
until the location specified in the MSHUTOFF registers.The
location of MSHUTOFF is fully programmable to anywhere
within the exposure period, using the FD (field), LN (line), and
PX (pixel) registers.The STROBE pulse is defined by the on and
VD
SUBCK
VSUB OPERATION:
1. ACTIVE POLARITY IS POLARITY (ABOVE EXAMPLE IS VSUB ACTIVE HIGH).
2. ON POSITION IS PROGRAMMABLE. MODE 0 TURNS ON AT THE START OF EXPOSURE, MODE 1 TURNS ON AT THE START OF READOUT.
3. OFF POSITION OCCURS AT END OF READOUT.
4. OPTIONAL VSUB KEEP-ON MODE WILL LEAVE THE VSUB ACTIVE AT THE END OF READOUT.
t
EXP
VSG1
VSUB
3
1
2
READOUT
2
4
MODE 0
MODE 1
TRIGGER
VSUB
Figure 29. VSUB Programmability
VD
SUBCK
MSHUT PROGRAMMABLE SETTINGS:
1. ACTIVE POLARITY.
2. ON POSITION IS VD UPDATED AND MAY BE SWITCHED ON AT ANY TIME.
3. OFF POSITION CAN BE PROGRAMMED ANYWHERE FROM THE FIELD OF LAST SUBCK UNTIL THE FIELD BEFORE READOUT.
t
EXP
VSG
MSHUT
3
1
2
TRIGGER
EXPOSURE
AND MSHUT
Figure 30. MSHUT Output Programmability
REV. 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com