Electronic Components Datasheet Search
  English  ▼

X  

AD9995 Datasheet(PDF) 14 Page - Analog Devices

Part # AD9995
Description  12-Bit CCD Signal Processor with Precision Timing ??Generator
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9995 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9995 Datasheet HTML 10Page - Analog Devices AD9995 Datasheet HTML 11Page - Analog Devices AD9995 Datasheet HTML 12Page - Analog Devices AD9995 Datasheet HTML 13Page - Analog Devices AD9995 Datasheet HTML 14Page - Analog Devices AD9995 Datasheet HTML 15Page - Analog Devices AD9995 Datasheet HTML 16Page - Analog Devices AD9995 Datasheet HTML 17Page - Analog Devices AD9995 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 60 page
background image
AD9995
–14–
Generating Special HBLK Patterns
There are six toggle positions available for HBLK. Normally,
only two of the toggle positions are used to generate the standard
HBLK interval. However, the additional toggle positions may be
used to generate special HBLK patterns, as shown in Figure 12.
The pattern in this example uses all six toggle positions to gen-
erate two extra groups of pulses during the HBLK interval. By
changing the toggle positions, different patterns can be created.
Generating HBLK Line Alternation
One further feature of the AD9995 is the ability to alternate dif-
ferent HBLK toggle positions on odd and even lines.This may be
used in conjunction with V-pattern odd/even alternation or on its
own.When a 1 is written to the HBLKALT register,TOG1 and
TOG2 are used on odd lines only, while TOG3–TOG6 are used
on even lines.Writing a 2 to the HBLKALT register gives the
opposite result:TOG1 and TOG2 are used on even lines, while
TOG3–TOG6 are used on odd lines. See the Vertical Timing
Generation, Line Alternation section for more information.
HD
HBLK
PROGRAMMABLE SETTINGS:
1. FIRST TOGGLE POSITION = START OF BLANKING
2. SECOND TOGGLE POSITION = END OF BLANKING
BLANK
BLANK
1
2
Figure 10. Horizontal Blanking (HBLK) Pulse Placement
HD
HBLK
THE POLARITY OF H1 DURING BLANKING IS PROGRAMMABLE (H2 IS OPPOSITE POLARITY OF H1).
H1/H3
H1/H3
H2/H4
Figure 11. HBLK Masking Control
HBLK
SPECIAL H-BLANK PATTERN IS CREATED USING MULTIPLE HBLK TOGGLE POSITIONS.
H1/H3
H2/H4
TOG1
TOG2
TOG3
TOG4
TOG5
TOG6
Figure 12. Generating Special HBLK Patterns
REV. 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com