Electronic Components Datasheet Search
  English  ▼

X  

AD9995 Datasheet(PDF) 33 Page - Analog Devices

Part # AD9995
Description  12-Bit CCD Signal Processor with Precision Timing ??Generator
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9995 Datasheet(HTML) 33 Page - Analog Devices

Back Button AD9995 Datasheet HTML 29Page - Analog Devices AD9995 Datasheet HTML 30Page - Analog Devices AD9995 Datasheet HTML 31Page - Analog Devices AD9995 Datasheet HTML 32Page - Analog Devices AD9995 Datasheet HTML 33Page - Analog Devices AD9995 Datasheet HTML 34Page - Analog Devices AD9995 Datasheet HTML 35Page - Analog Devices AD9995 Datasheet HTML 36Page - Analog Devices AD9995 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 60 page
background image
AD9995
–32–
AD9995
–33–
tPWR
2
1
3
4
5
6
7
8
9
10
11
12
tSYNC
1V
1ST FIELD
1H
CLOCKS ACTIVE WHEN OUT CONTROL
REGISTER IS UPDATED AT VD/HD EDGE
H2/H4
H1/H3, RG, DCLK
DIGITAL
OUTPUTS
HD
(OUTPUT)
VD
(OUTPUT)
SYNC
(INPUT)
SERIAL
WRITES
CLI
(INPUT)
VDD
(INPUT)
Figure 35. Recommended Power-Up Sequence and Synchronization, Master Mode
POWER-UP AND SYNCHRONIZATION
Recommended Power-Up Sequence for Master Mode
When the AD9995 is powered up, the following sequence is
recommended (refer to Figure 35 for each step). Note that a
SYNC signal is required for Master mode operation. If an exter-
nal SYNC pulse is not available, it is also possible generate an
internal SYNC pulse by writing to the SYNCPOL register, as
described in the next section.
1. Turn on power supplies for AD9995.
2. Apply the master clock input CLI.
3. Reset the internal AD9995 registers by writing a 1 to the
SW_RESET register (Addr. 0x10 in Bank 1).
4. By default, the AD9995 is in Standby3 mode.To place the
part into normal power operation, write 0x004 to the AFE
OPRMODE register (Addr. 0x00 in Bank 1).
5. Write a 1 to the BANKSELECT register (Addr. 0x7F).
This will select Register Bank 2.
6. Load Bank 2 registers with the required VPAT group,
V-sequence, and field timing information.
7. Write a 0 to the BANKSELECT register to select Bank 1.
8. By default, the internal timing core is held in a reset state
with TGCORE_RSTB register = 0. Write a 1 to the TG-
CORE_RSTB register (Addr. 0x15 in Bank 1) to start the
internal timing core operation.
9. Load the required registers to configure the high speed tim-
ing, horizontal timing, and shutter timing information.
10. Configure the AD9995 for Master mode timing by writing a
1 to the MASTER register (Addr. 0x20 in Bank 1).
11. Write a 1 to the OUT_CONTROL register (Addr. 0x11 in
Bank 1). This will allow the outputs to become active after
the next SYNC rising edge.
12. Generate a SYNC event: If SYNC is high at power-up,
bring the SYNC input low for a minimum of 100 ns.
Then bring SYNC back high.This will cause the internal
counters to reset and will start VD/HD operation.The first
VD/HD edge allows most Bank 1 register updates to occur,
including OUT_CONTROL to enable all outputs.
Table XIII. Power-Up Register Write Sequence
Address
Data
Description
0x10
0x01
Reset All Registers to Default Values
0x00
0x04
Power Up the AFE and CLO Oscillator
0x7F
0x01
Select Register Bank 2
0x00–0xFF
VPAT,V-Sequence, and Field Timing
0x7F
0x00
Select Register Bank 1
0x15
0x01
Reset Internal Timing Core
0x30–71
Horizontal and Shutter Timing
0x20
0x01
Configure for Master Mode
0x11
0x01
Enable All Outputs after SYNC
0x13
0x01
SYNCPOL (for Software SYNC Only)
Generating Software SYNC without External SYNC Signal
If an external SYNC pulse is not available, it is possible to
generate an internal SYNC in the AD9995 by writing to the
SYNCPOL register (Addr. 0x13). If the software SYNC option is
used, the SYNC input (Pin 46) should be tied to ground (VSS).
After power-up, follow the same procedure as before for Steps
1 to 11.Then, for Step 12, instead of using the external SYNC
pulse, write a 1 to the SYNCPOL register.This will generate the
SYNC internally, and timing operation will begin.
REV. 0
REV. 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com