Electronic Components Datasheet Search
  English  ▼

X  

AD9995 Datasheet(PDF) 11 Page - Analog Devices

Part # AD9995
Description  12-Bit CCD Signal Processor with Precision Timing ??Generator
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9995 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9995 Datasheet HTML 7Page - Analog Devices AD9995 Datasheet HTML 8Page - Analog Devices AD9995 Datasheet HTML 9Page - Analog Devices AD9995 Datasheet HTML 10Page - Analog Devices AD9995 Datasheet HTML 11Page - Analog Devices AD9995 Datasheet HTML 12Page - Analog Devices AD9995 Datasheet HTML 13Page - Analog Devices AD9995 Datasheet HTML 14Page - Analog Devices AD9995 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 60 page
background image
AD9995
–10–
AD9995
–11–
mapped into four quadrants, with each quadrant containing 12
edge locations.Table II shows the correct register values for the
corresponding edge locations.
Figure 7 shows the default timing locations for all of the high
speed clock signals.
H-Driver and RG Outputs
In addition to the programmable timing positions, the AD9995
features on-chip output drivers for the RG and H1–H4 outputs.
These drivers are powerful enough to directly drive the CCD
inputs. The H-driver and RG current can be adjusted for optimum
rise/fall time into a particular load by using the DRVCONTROL
register (Addr. 0x35). The 3-bit drive setting for each output is
adjustable in 4.1 mA increments, with the minimum setting of 0
equal to OFF or three-state, and the maximum setting of 7 equal
to 30.1 mA.
As shown in Figures 5, 6, and 7, the H2 and H4 outputs are
inverses of H1 and H3, respectively. The H1/H2 crossover volt-
age is approximately 50% of the output swing. The crossover
voltage is not programmable.
Digital Data Outputs
The AD9995 data output and DCLK phases are programmable
using the DOUTPHASE register (Addr. 0x37, Bits [5:0]). Any
edge from 0 to 47 may be programmed, as shown in Figure 8a.
Normally, the DOUT and DCLK signals will track in phase
based on the DOUTPHASE register contents. The DCLK
output phase can also be held fixed with respect to the data out-
puts by changing the DCLKMODE register high (Addr. 0x37,
Bit 6). In this mode, the DCLK output will remain at a fixed
phase equal to CLO (the inverse of CLI) while the data output
phase is still programmable.
There is a fixed output delay from the DCLK rising edge to the
DOUT transition, called tOD.This delay can be programmed to
four values between 0 ns and 12 ns by using the DOUTDELAY
register (Addr. 0x037, Bits [8:7]).The default value is 8 ns.
The pipeline delay through the AD9995 is shown in Figure 8b.
After the CCD input is sampled by SHD, there is an 11-cycle
delay until the data is available.
Table I.Timing Core Register Parameters for H1, H3, RG, SHP/SHD
Parameter
Length
Range
Description
Polarity
1b
High/Low
Polarity Control for H1, H3, and RG (0 = No Inversion, 1 = Inversion)
Positive Edge
6b
0–47 Edge Location
Positive Edge Location for H1, H3, and RG
Negative Edge
6b
0–47 Edge Location
Negative Edge Location for H1, H3, and RG
Sampling Location
6b
0–47 Edge Location
Sampling Location for Internal SHP and SHD Signals
Drive Strength
3b
0–47 Current Steps
Drive Current for H1–H4 and RG Outputs (4.1 mA per Step)
H1/H3
H2/H4
RG
USING THE SAME TOGGLE POSITIONS FOR H1 AND H3 GENERATES STANDARD 2-PHASE H-CLOCKING.
CCD
SIGNAL
Figure 6. 2-Phase H-Clock Operation
Table II. Precision Timing Edge Locations
Quadrant
Edge Location (Dec)
Register Value (Dec)
Register Value (Bin)
I
0 to 11
0 to 11
000000 to 001011
II
12 to 23
16 to 27
010000 to 011011
III
24 to 35
32 to 43
100000 to 101011
IV
36 to 47
48 to 59
110000 to 111011
REV. 0
REV. 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com