Electronic Components Datasheet Search
  English  ▼

X  

EM65567AF Datasheet(PDF) 52 Page - ELAN Microelectronics Corp

Part # EM65567AF
Description  66 COM/ 96 SEG 256 Color STN LCD Driver
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM65567AF Datasheet(HTML) 52 Page - ELAN Microelectronics Corp

Back Button EM65567AF Datasheet HTML 48Page - ELAN Microelectronics Corp EM65567AF Datasheet HTML 49Page - ELAN Microelectronics Corp EM65567AF Datasheet HTML 50Page - ELAN Microelectronics Corp EM65567AF Datasheet HTML 51Page - ELAN Microelectronics Corp EM65567AF Datasheet HTML 52Page - ELAN Microelectronics Corp EM65567AF Datasheet HTML 53Page - ELAN Microelectronics Corp EM65567AF Datasheet HTML 54Page - ELAN Microelectronics Corp EM65567AF Datasheet HTML 55Page - ELAN Microelectronics Corp EM65567AF Datasheet HTML 56Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 93 page
background image
Preliminary
EM65567
66 COM/ 96 SEG 256 Color STN LCD Driver
* This specification is subject to be changed without notice.
2003/1/9 (V0.1)
52
Control Register Table (Bank 4)
Note: The “※” mark means “don’t care”
Parentheses [ ] shows address for control register.
CSB RS WRB ROB RE2 RE1 RE0 D7 D6 D5 D4 D3
D2
D1
D0
Gradation palette C5
Set the umber of
(Lower nibble)
[0H]
0
1
0
1
1
0
00000 PC53 PC52 PC51 PC50 Gradation Palette C5
Gradation palette C5
Set the umber of
(Upper nibble)
[1H]
0
1
0
1
1
0
00001 *
*
*
PC54 Gradation Palette C5
Gradation palette C6
Set the umber of
(Lower nibble)
[2H]
0
1
0
1
1
0
00010 PC63 PC62 PC61 PC60 Gradation Palette C6
Gradation palette C6
Set the umber of
(Upper nibble)
[3H]
0
1
0
1
1
0
00011 *
*
*
PC64 Gradation Palette C6
Gradation palette C7
Set the umber of
(Lower nibble)
[4H]
0
1
0
1
1
0
00100 PC73 PC72 PC71 PC70 Gradation Palette C7
Gradation palette C7
Set the umber of
(Upper nibble)
[5H]
0
1
0
1
1
0
00101 *
*
*
PC74 Gradation Palette C7
Display start common
Set Common Driver
[6H]
0
1
0
1
1
0
00110 *
SC2
SC1
SC0
Start Line
Static Pictgraph Control
Set Static Pictgraph
[7H]
0
1
0
1
1
0
00111 *
*
SPC1 SPC0 Drive Mode
Display Select Control
Select Plane(access/display)
[8H]
0
1
0
1
1
0
01000 PWM GLSB PSEL DSEL Set GLSB Bit. Select PWM Mode
RAM Data length Set
Set Data length on RAM Access
[9H]
0
1
0
1
1
0
01001 *
*
*
WLS 8-bit access or 16-bit access
Electronic Volume
Set Electronic Vollume
(Lower nibble)
[AH]
0
1
0
1
1
0
01010 DV3
DV2
DV1
DV0
Register (lower code)
Electronic Volume
Set Electronic Vollume
(Upper nibble)
[BH]
0
1
0
1
1
0
01011 *
DV6
DV5
DV4
Register (upper code)
Register read Control
Set Register Address for read
[CH]
0
1
0
1
1
0
01100 RA3
RA2
RA1
RA0
Select Rf
Select Rf ratio of OSC circuit
[DH]
0
1
0
1
1
0
01101 *
RF2
RF1
RF0
Extended power control
DIS:Discharge capacitance of
V0,V1,V2,V3,V4 Pins
HPM : high power mode set
[EH]
0
1
0
1
1
0
01110 BF1
BF0
HPM DIS
BF: Set Booster frequency
Register Access Control
TS
TST0: for LS1 test,must set to "0"
[FH]
0
1
0
1
0/1
0/1
0/11111 T0
RE2
RE1
RE0
RE: set register bank number
Control Register
Pins (for 80-family) & Bank
Address & Code
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com