Electronic Components Datasheet Search
  English  ▼

X  

EM65567AF Datasheet(PDF) 71 Page - ELAN Microelectronics Corp

Part # EM65567AF
Description  66 COM/ 96 SEG 256 Color STN LCD Driver
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM65567AF Datasheet(HTML) 71 Page - ELAN Microelectronics Corp

Back Button EM65567AF Datasheet HTML 67Page - ELAN Microelectronics Corp EM65567AF Datasheet HTML 68Page - ELAN Microelectronics Corp EM65567AF Datasheet HTML 69Page - ELAN Microelectronics Corp EM65567AF Datasheet HTML 70Page - ELAN Microelectronics Corp EM65567AF Datasheet HTML 71Page - ELAN Microelectronics Corp EM65567AF Datasheet HTML 72Page - ELAN Microelectronics Corp EM65567AF Datasheet HTML 73Page - ELAN Microelectronics Corp EM65567AF Datasheet HTML 74Page - ELAN Microelectronics Corp EM65567AF Datasheet HTML 75Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 93 page
background image
Preliminary
EM65567
66 COM/ 96 SEG 256 Color STN LCD Driver
* This specification is subject to be changed without notice.
2003/1/9 (V0.1)
71
PWM = “0”: Variable display mode using 8 gradations selected from 32 gradations
PWM = “1”: 8-gradation fixed display mode
8.2.20 RAM Data Length Set
D7
D6
D5
D4
D3
D2
D1
D0
CSB
RS
RDB WRB RE2
RE1
RE0
100
1
※※
※
WLS
0110100
(At the time of reset: {WLS} = 0H, read address: 9H)
※
Mark shows “Don’t care”
The WLS register select data bus size for access from MPU
WLS = “0”: The data bus size is 8-bits width
WLS = “1”: The data bus size is 16-bits width
When MPU access to control register using 16-bits bus size, high byte data is ignored.
8.2.21 Electronic Volume Register Set
D7
D6
D5
D4
D3
D2
D1
D0
CSB
RS
RDB WRB RE2
RE1
RE0
101
0
DV3 DV2 DV1 DV0
0110100
(Read address: AH)
D7
D6
D5
D4
D3
D2
D1
D0
CSB
RS
RDB WRB RE2
RE1
RE0
101
1
※
DV6 DV5 DV4
0110100
(Read address: BH)
(At the time of reset: {DV6~DV0} = 00H)
※
Mark shows “Don’t care”
The DV register can control V0 voltage.
The DV register has 7-bits, so can select 128 level voltage.
DV6
DV5
DV4
DV3
DV2
DV1
DV0
Output voltage
0
0
0
0
0
0
0
Smaller
0
0
0
0
0
0
1
:
:
:
:
:
1
1
1
1
1
1
0
:
1
1
1
1
1
1
1
Larger
The output voltage at VREG is specified by equation (1).
VREG = VREF * N * 0.9-----------------------------------------------------------(1)
(N: Number of boosting steps)
The LCD driver voltage V0 is determined by VREG level and electronic volume code equation (2).
V0 = 0.5 * VREG + M * (VREG – 0.5VREG) / 127 --------------------------(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com