Electronic Components Datasheet Search
  English  ▼

X  

EM65567AF Datasheet(PDF) 67 Page - ELAN Microelectronics Corp

Part # EM65567AF
Description  66 COM/ 96 SEG 256 Color STN LCD Driver
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM65567AF Datasheet(HTML) 67 Page - ELAN Microelectronics Corp

Back Button EM65567AF Datasheet HTML 63Page - ELAN Microelectronics Corp EM65567AF Datasheet HTML 64Page - ELAN Microelectronics Corp EM65567AF Datasheet HTML 65Page - ELAN Microelectronics Corp EM65567AF Datasheet HTML 66Page - ELAN Microelectronics Corp EM65567AF Datasheet HTML 67Page - ELAN Microelectronics Corp EM65567AF Datasheet HTML 68Page - ELAN Microelectronics Corp EM65567AF Datasheet HTML 69Page - ELAN Microelectronics Corp EM65567AF Datasheet HTML 70Page - ELAN Microelectronics Corp EM65567AF Datasheet HTML 71Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 93 page
background image
Preliminary
EM65567
66 COM/ 96 SEG 256 Color STN LCD Driver
* This specification is subject to be changed without notice.
2003/1/9 (V0.1)
67
D7
D6
D5
D4
D3
D2
D1
D0
CSB
RS
RDB WRB RE2
RE1
RE0
101
0
PC33 PC32 PC31 PC30
0110011
(Read address: AH)
D7
D6
D5
D4
D3
D2
D1
D0
CSB
RS
RDB WRB RE2
RE1
RE0
101
1
※※
※
PC34
0110011
(Read address: BH)
(At the time of reset: PC34~PC30 = “01110”)
※
Mark shows “Don’t care”
D7
D6
D5
D4
D3
D2
D1
D0
CSB
RS
RDB WRB RE2
RE1
RE0
110
0
PC43 PC42 PC41 PC40
0110011
(Read address: CH)
D7
D6
D5
D4
D3
D2
D1
D0
CSB
RS
RDB WRB RE2
RE1
RE0
110
1
※※
※
PC44
0110011
(Read address: DH)
(At the time of reset: PC44~PC40 = “10001”)
※
Mark shows “Don’t care”
D7
D6
D5
D4
D3
D2
D1
D0
CSB
RS
RDB WRB RE2
RE1
RE0
000
0
PC53 PC52 PC51 PC50
0110100
(Read address: 0H)
D7
D6
D5
D4
D3
D2
D1
D0
CSB
RS
RDB WRB RE2
RE1
RE0
000
1
※※
※
PC54
0110100
(Read address: 1H)
(At the time of reset: PC54~PC50 = “10101”)
※
Mark shows “Don’t care”
D7
D6
D5
D4
D3
D2
D1
D0
CSB
RS
RDB WRB RE2
RE1
RE0
001
0
PC63 PC62 PC61 PC60
0110100
(Read address: 2H)
D7
D6
D5
D4
D3
D2
D1
D0
CSB
RS
RDB WRB RE2
RE1
RE0
001
1
※※
※
PC64
0110100
(Read address: 3H)
(At the time of reset: PC64~PC60 = “11010”)
※
Mark shows “Don’t care”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com