Electronic Components Datasheet Search
  English  ▼

X  

EM65567AF Datasheet(PDF) 84 Page - ELAN Microelectronics Corp

Part # EM65567AF
Description  66 COM/ 96 SEG 256 Color STN LCD Driver
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM65567AF Datasheet(HTML) 84 Page - ELAN Microelectronics Corp

Back Button EM65567AF Datasheet HTML 80Page - ELAN Microelectronics Corp EM65567AF Datasheet HTML 81Page - ELAN Microelectronics Corp EM65567AF Datasheet HTML 82Page - ELAN Microelectronics Corp EM65567AF Datasheet HTML 83Page - ELAN Microelectronics Corp EM65567AF Datasheet HTML 84Page - ELAN Microelectronics Corp EM65567AF Datasheet HTML 85Page - ELAN Microelectronics Corp EM65567AF Datasheet HTML 86Page - ELAN Microelectronics Corp EM65567AF Datasheet HTML 87Page - ELAN Microelectronics Corp EM65567AF Datasheet HTML 88Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 93 page
background image
Preliminary
EM65567
66 COM/ 96 SEG 256 Color STN LCD Driver
* This specification is subject to be changed without notice.
2003/1/9 (V0.1)
84
(6) Display control timing
LP
FLM
CLK
M
tCLKH
tDLP
tDLP
tCLKL
tLPHW
tDFLM
tDM
tDFLM
tLPLW
Input timing (Slave mode) VSS=0V , VDD = 2.4~3.3V , Ta = -30~+85℃
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Pin used
CLK pulse “H” width
tCLKH
1.6
µs
CLK pulse “L” width
tCLKL
1.6
µs
CLK
LP pulse “H” width
tLPHW
80
µs
LP pulse “L” width
tLPLW
80
µs
LP delay time
tDLP
-1
1
µs
LP
FLM delay time
tDFLM
-1
1
µs
FLM
M delay time
tDM
-1
1
µs
M
Input timing (Slave mode) VSS=0V , VDD = 1.8~2.4V , Ta = -30~+85℃
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Pin used
CLK pulse “H” width
tCLKH
1.6
µs
CLK pulse “L” width
tCLKL
1.6
µs
CLK
LP pulse “H” width
tLPHW
80
µs
LP pulse “L” width
tLPLW
80
µs
LP delay time
tDLP
-1
1
µs
LP
FLM delay time
tDFLM
-1
1
µs
FLM
M delay time
tDM
-1
1
µs
M
output timing (Master mode) VSS=0V , VDD = 2.4~3.3V , Ta = -30~+85℃
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Pin used
LP delay time
tDLP
10
500
ns
LP
FLM delay time tDFLM
10
500
ns
FLM
M delay time
tDM
CL =15 pF
10
500
ns
M
output timing (Master mode) VSS=0V , VDD = 1.8~2.4V , Ta = -30~+85℃
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Pin used
LP delay time
tDLP
10
1000
µs
LP
FLM delay time tDFLM
10
1000
µs
FLM
M delay time
tDM
CL =15 pF
10
1000
µs
M
Note: All the timings must be specified relative to 20% and 80% of VDD voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com