Electronic Components Datasheet Search
  English  ▼

X  

EM65567AF Datasheet(PDF) 75 Page - ELAN Microelectronics Corp

Part # EM65567AF
Description  66 COM/ 96 SEG 256 Color STN LCD Driver
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM65567AF Datasheet(HTML) 75 Page - ELAN Microelectronics Corp

Back Button EM65567AF Datasheet HTML 71Page - ELAN Microelectronics Corp EM65567AF Datasheet HTML 72Page - ELAN Microelectronics Corp EM65567AF Datasheet HTML 73Page - ELAN Microelectronics Corp EM65567AF Datasheet HTML 74Page - ELAN Microelectronics Corp EM65567AF Datasheet HTML 75Page - ELAN Microelectronics Corp EM65567AF Datasheet HTML 76Page - ELAN Microelectronics Corp EM65567AF Datasheet HTML 77Page - ELAN Microelectronics Corp EM65567AF Datasheet HTML 78Page - ELAN Microelectronics Corp EM65567AF Datasheet HTML 79Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 93 page
background image
Preliminary
EM65567
66 COM/ 96 SEG 256 Color STN LCD Driver
* This specification is subject to be changed without notice.
2003/1/9 (V0.1)
75
10. Absolute maximum ratings
10.1 Absolute maximum ratings
Item
Symbol
Condition
Pin use
Rating
Unit
Supply voltage (1) VDD
VDD
-0.3 ~ + 4.0
V
Supply voltage (2) VEE
VEE
-0.3 ~ + 4.0
V
Supply voltage (3) VOUT
VOUT
--0.3 ~ + 13.0
V
Supply voltage (4) VREG
VREG
-0.3 ~ + 13.0
V
Supply voltage (5) V0
V0
-0.3 ~ + 13.0
V
Supply voltage (6) V1,V2,V3,V4
V1,V2,V3,V4
-0.3 ~ V0+ 0.3
V
Input voltage
VI
*1
-0.3 ~ VDD+ 0.3
V
Storage
temperature
Tstg
Ta=25℃
-45 ~ +125
℃
※
1: D0~D15, CSB, RS, M/S, M86, P/S, WRB, RDB, CK, CKS, LP, FLM, M, CLK, RESB, TEST, VREF Pins
10.2 Recommended operating conditions
Item
Symbol Application Pin Min.
Max.
Unit Note
VDD1 VDD
1.8
3.3
V
*1
Supply voltage
VEE
VEE
2.4
3.3
V
*2
V0
V0
5
12
V
*3
VOUT VOUT
12
V
VREG VREG
10.8
V
Operating voltage
VREF VREF
2.4
3.3
V
*4
Operating temperature
Topr
-30
80
℃
※
1 shows applying voltage to VSS pin.
※
2 shows applying voltage to VSS pin. Usually, if applying voltage is same as VDD. Connect to VDD pin.
※
3 shows the voltage relationship of V0>V1>V2>V3>V4>VSS is required.
※
4 shows applying voltage to VSS pin.. In the case of using the voltage regulator. The voltage relationship of VREF≦VEE
is required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com