Electronic Components Datasheet Search
  English  ▼

X  

EM65567AF Datasheet(PDF) 85 Page - ELAN Microelectronics Corp

Part # EM65567AF
Description  66 COM/ 96 SEG 256 Color STN LCD Driver
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM65567AF Datasheet(HTML) 85 Page - ELAN Microelectronics Corp

Back Button EM65567AF Datasheet HTML 81Page - ELAN Microelectronics Corp EM65567AF Datasheet HTML 82Page - ELAN Microelectronics Corp EM65567AF Datasheet HTML 83Page - ELAN Microelectronics Corp EM65567AF Datasheet HTML 84Page - ELAN Microelectronics Corp EM65567AF Datasheet HTML 85Page - ELAN Microelectronics Corp EM65567AF Datasheet HTML 86Page - ELAN Microelectronics Corp EM65567AF Datasheet HTML 87Page - ELAN Microelectronics Corp EM65567AF Datasheet HTML 88Page - ELAN Microelectronics Corp EM65567AF Datasheet HTML 89Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 93 page
background image
Preliminary
EM65567
66 COM/ 96 SEG 256 Color STN LCD Driver
* This specification is subject to be changed without notice.
2003/1/9 (V0.1)
85
(7) Master clock input timing
CK
tCKHW
tCKLW
VSS=0V , VDD = 2.4~3.3V , Ta = -30~+85℃
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Pin used
CK pulse “H” width (1) tCKHW1
1.2
1.4
µs
CK pulse “L” width (1) tCKLW1
1.2
1.4
µs
CK
※
1
CK pulse “H” width (2) tTCKHW2
5.4
6.5
µs
CK pulse “L” width (2) tCKLW2
5.4
6.5
µs
CK
※
2
CK pulse “H” width (3) tCKHW3
38
45
µs
CK pulse “L” width (3) tCKLW3
38
45
µs
CK
※
3
VSS=0V , VDD = 1.8~2.4V , Ta = -30~+85℃
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Pin used
CK pulse “H” width (1) tCKHW1
Note1
1.2
1.4
µs
CK pulse “L” width (1) tCKLW1
Note1
1.2
1.4
µs
CK
※
1
CK pulse “H” width (2) tCKHW2
Note2
5.4
6.5
µs
CK pulse “L” width (2) tCKLW2
Note2
5.4
6.5
µs
CK
※
2
CK pulse “H” width (3) tCKHW3
Note3
3.8
4.5
µs
CK pulse “L” width (3) tCKLW3
Note3
3.8
4.5
µs
CK
※
3
※
1 Applied when the gradation display mode.
※
2 Applied when the simple gradation mode.
※
3 Applied when the monochrome mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com