Electronic Components Datasheet Search
  English  ▼

X  

EM65567AF Datasheet(PDF) 74 Page - ELAN Microelectronics Corp

Part # EM65567AF
Description  66 COM/ 96 SEG 256 Color STN LCD Driver
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM65567AF Datasheet(HTML) 74 Page - ELAN Microelectronics Corp

Back Button EM65567AF Datasheet HTML 70Page - ELAN Microelectronics Corp EM65567AF Datasheet HTML 71Page - ELAN Microelectronics Corp EM65567AF Datasheet HTML 72Page - ELAN Microelectronics Corp EM65567AF Datasheet HTML 73Page - ELAN Microelectronics Corp EM65567AF Datasheet HTML 74Page - ELAN Microelectronics Corp EM65567AF Datasheet HTML 75Page - ELAN Microelectronics Corp EM65567AF Datasheet HTML 76Page - ELAN Microelectronics Corp EM65567AF Datasheet HTML 77Page - ELAN Microelectronics Corp EM65567AF Datasheet HTML 78Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 93 page
background image
Preliminary
EM65567
66 COM/ 96 SEG 256 Color STN LCD Driver
* This specification is subject to be changed without notice.
2003/1/9 (V0.1)
74
9.
Relationship between Setting and Common/Display RAM
The relationship between the COM pin numbers and the addresses in the Y-direction on the display RAM changes according
to the SHIFT command. LCD Duty Set command. Display Starting Common Position Set command, and Display Starting
Line Set command.
When “0” is selected for the display starting line:
The relationship between the COM pin and the addresses in the vertical direction of the display RAM (hereafter called MY)
changes on an 8-dots basis according to the LCD Duty Set command and the Display Starting Common Position Set
command. When the SHIFT bit is “0”, the common position change in the forward direction. When “1” they change
reverse direction. When “0” is selected as the values for LA5 to LA0 in the Display Starting Line Set command, the MY
number corresponding to the display starting position is “0”. The MY numbers are sequentially shifted backward when
display occurs. In any case, the relations of COMA = MY64 and COMB = MY65 do not change.
When non-zero is selected for the display starting line:
The relationship between the COM pins and the addresses in the vertical direction on the display RAM, MY changes on an 8-
dots basis according to the information in the LCD Duty Set command and Display Starting Common Position Set command.
The common positions change in the forward when the SHIFT bit is “0”, and change in the reverse direction when the SHIFT
bit is “1”. If non-zero is selected for the values for LA5 to LA0 by the Display Starting Line set command. the MY number
corresponding to the display starting position shifts by the set value. The MY number shifts backward when display occurs. If
it exceeds 63, it returns to 0, and the shifts sequentially. In any case, the relations of COMA = MY64 and COMB = MY65 do
not change.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com