Electronic Components Datasheet Search
  English  ▼

X  

OPA310 Datasheet(PDF) 15 Page - Texas Instruments

Part # OPA310
Description  OPAx310-Q1 Automotive High Output Current, 5V, RRIO, 3MHz Operational Amplifier with Shutdown
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA310 Datasheet(HTML) 15 Page - Texas Instruments

Back Button OPA310 Datasheet HTML 11Page - Texas Instruments OPA310 Datasheet HTML 12Page - Texas Instruments OPA310 Datasheet HTML 13Page - Texas Instruments OPA310 Datasheet HTML 14Page - Texas Instruments OPA310 Datasheet HTML 15Page - Texas Instruments OPA310 Datasheet HTML 16Page - Texas Instruments OPA310 Datasheet HTML 17Page - Texas Instruments OPA310 Datasheet HTML 18Page - Texas Instruments OPA310 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 38 page
background image
5.8 Typical Characteristics (continued)
at TA = 25°C, V+ = 2.75V, V– = –2.75V, RL = 10kΩ connected to VS / 2, VCM = VS / 2, and VOUT = VS / 2 (unless otherwise
noted)
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
0.5
0.7
1
2
3
5
7
10
20
30
50
70
100
D13_
IB-
IB+
VS = 5.5V, VCM = VS/2
Figure 5-13. IB vs Temperature
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
1
2
3
4
5
6
7
8
10
D14_
VS = 5.5V, VCM = VS/2
Figure 5-14. IOS vs Temperature
Input Common-Mode Voltage (V)
-2.75
-1.75
-0.75
0.25
1.25
2.25
-10
-5
0
5
10
15
D15_
IB-
IB+
V+ = 2.75V, V– = –2.75V, VCM = VS/2
Figure 5-15. IB vs Common-Mode Voltage
Input Common-Mode Voltage (V)
-2.75
-1.75
-0.75
0.25
1.25
2.25
-2.1
-1.8
-1.5
-1.2
-0.9
-0.6
-0.3
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
D16_
IOS
V+ = 2.75V, V– = –2.75V, VCM = VS/2
Figure 5-16. IOS vs Common-Mode Voltage
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
0
20
40
60
80
100
120
140
160
D18_
VS = 5.5 V
VS = 1.5 V
RL = 10kΩ
Figure 5-17. Open-Loop Gain vs Temperature
Frequency (Hz)
-45
-120
-30
-90
-15
-60
0
-30
15
0
30
30
45
60
60
90
75
120
90
150
100
1k
10k
100k
1M
10M
D003
Gain
Phase
CL = 10pF
Figure 5-18. Open-Loop Gain and Phase vs Frequency
www.ti.com
OPA310-Q1
SBOSAI0A – DECEMBER 2023 – REVISED MAY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: OPA310-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com