Electronic Components Datasheet Search
  English  ▼

X  

OPA310 Datasheet(PDF) 1 Page - Texas Instruments

Part # OPA310
Description  OPAx310-Q1 Automotive High Output Current, 5V, RRIO, 3MHz Operational Amplifier with Shutdown
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA310 Datasheet(HTML) 1 Page - Texas Instruments

  OPA310 Datasheet HTML 1Page - Texas Instruments OPA310 Datasheet HTML 2Page - Texas Instruments OPA310 Datasheet HTML 3Page - Texas Instruments OPA310 Datasheet HTML 4Page - Texas Instruments OPA310 Datasheet HTML 5Page - Texas Instruments OPA310 Datasheet HTML 6Page - Texas Instruments OPA310 Datasheet HTML 7Page - Texas Instruments OPA310 Datasheet HTML 8Page - Texas Instruments OPA310 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
OPAx310-Q1 Automotive High Output Current, 5V, RRIO,
3MHz Operational Amplifier with Shutdown
1 Features
• High output current: ±150mA typical ISC at 5.5V
• Fast enable from shutdown: 0.9µs typical
• Wide operational supply voltage: 1.5V to 5.5V
• Low input offset voltage: ±250µV typical
• Fail-safe inputs: No diode from inputs to V+
• Optimized quiescent current: 165µA/ch typical
• Rail-to-rail input and output
• Gain bandwidth product: 3MHz typical at 5.5V
• Thermal noise floor: 16nV/√Hz typical
• Unity-gain stable
• Drives up to 250pF without sustained oscillations
• Internal RFI and EMI filtered input pins
• Operating temperature range: –40°C to 125°C
2 Applications
• Optimized for AEC-Q100 grade 1 applications
• Traction inverter
• Battery management systems (BMS)
• On-board charger (OBC) and wireless charger
• HEV/EV DC/DC converter
• Body electronics and lighting
3 Description
The OPAx310-Q1 family of op amps includes
single (OPA310-Q1), dual (OPA2310-Q1), and quad-
channel (OPA4310-Q1), low-voltage (1.5V to 5.5V),
high output current operational amplifiers (op amps)
with rail-to-rail input and output swing capabilities.
The OPA310S-Q1 variant also features a very
fast shutdown response and has a typical enable
time of 0.9µs that allows for power savings when
the application involves duty cycling the amplifier
signal chain. OPAx310-Q1 family has a robust ESD
performance with fail safe input ESD structure where
there are no diodes connected from inputs to the
positive power supply rail.
OPAx310-Q1 is offered in power pad, standard, small
size package variants and has an internal current limit
protection, thermal shutdown protection that enables
additional robustness when operating with high output
current. OPAx310-Q1 can swing very close to the
rails and has a short-circuit current of 75mA minimum
across temperature at 5.5V power supply. Additional
output current capability can be achieved by carefully
connecting multiple op amps in parallel. OPAx310-Q1
devices are an excellent choice for LED driver and
other high current applications and can also be used
as a reference buffer, guard amplifier, or as a discrete
LDO.
The robust design of the OPAx310-Q1 family
simplifies circuit design. These op amps feature an
integrated RFI and EMI rejection filter with no-phase
reversal in input overdrive conditions. These devices
also deliver excellent AC performance with a gain
bandwidth of 3MHz and can drive up to 250pF of
capacitor load with no sustained oscillations, enabling
designers to achieve both improved performance and
a lower-power consumption.
Device Information
PART NUMBER
CHANNEL COUNT
PACKAGE(1)
PACKAGE SIZE(4)
OPA310-Q1
Single
DBV (SOT-23, 5)(3)
2.9mm × 2.8mm
DCK (SC70, 5)
2mm × 2.1mm
OPA310S-Q1
Single, Shutdown
DBV (SOT-23, 6)(3)
2.9mm × 2.8mm
DCK (SC70, 6)
2mm × 2.1mm
OPA2310-Q1(2)
Dual
D (SOIC, 8)(3)
4.9mm × 6mm
DGK (VSSOP, 8)(3)
3mm × 4.9mm
OPA4310-Q1(2)
Quad
D (SOIC, 14)(3)
8.65mm × 6mm
PW (TSSOP, 14)(3)
5mm × 6.4mm
(1)
For more information, Section 10.
(2)
Part number is for preview only.
(3)
Package is for preview only.
(4)
The package size (length × width) is a nominal value and
includes pins, where applicable.
OPA310-Q1
SBOSAI0A – DECEMBER 2023 – REVISED MAY 2024
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. UNLESS OTHERWISE NOTED, this document contains PRODUCTION
DATA.


Similar Part No. - OPA310

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA310 TI-OPA310 Datasheet
2Mb / 42P
OPAx310 High Output Current, Fast Shutdown, Low Voltage (1.5 V??.5 V), RRIO, 3-MHz Operational Amplifier
APRIL 2022
OPA310 TI-OPA310 Datasheet
3Mb / 50P
OPAx310 High Output Current, Fast Shutdown, Low Voltage (1.5 V to 5.5 V), RRIO, 3-MHz Operational Amplifier
REVISED JULY 2022
OPA310 TI-OPA310 Datasheet
4Mb / 55P
OPAx310 High Output Current, Fast Shutdown, Low Voltage (1.5 V to 5.5 V), RRIO, 3-MHz Operational Amplifier
REVISED SEPTEMBER 2022
OPA310 TI-OPA310 Datasheet
4Mb / 57P
OPAx310 High Output Current, Fast Shutdown, Low Voltage (1.5 V to 5.5 V), RRIO, 3-MHz Operational Amplifier
REVISED OCTOBER 2022
OPA310 TI-OPA310 Datasheet
4Mb / 57P
OPAx310 High Output Current, Fast Shutdown, Low Voltage (1.5 V to 5.5 V), RRIO, 3-MHz Operational Amplifier
REVISED DECEMBER 2022
More results

Similar Description - OPA310

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV710 NSC-LMV710 Datasheet
708Kb / 19P
Low Power, RRIO Operational Amplifiers with High Output Current Drive and Shutdown Option
logo
Texas Instruments
TLV4120 TI-TLV4120 Datasheet
350Kb / 20P
HIGH OUTPUT CURRENT DIFFERENTIAL DRIVE OPERATIONAL AMPLIFIER WITH SHUTDOWN
TLV4120 TI1-TLV4120_14 Datasheet
1Mb / 26P
HIGH OUTPUT CURRENT DIFFERENTIAL DRIVE OPERATIONAL AMPLIFIER WITH SHUTDOWN
OPA310 TI-OPA310 Datasheet
2Mb / 42P
OPAx310 High Output Current, Fast Shutdown, Low Voltage (1.5 V??.5 V), RRIO, 3-MHz Operational Amplifier
APRIL 2022
OPA310 TI-OPA310_V01 Datasheet
3Mb / 50P
OPAx310 High Output Current, Fast Shutdown, Low Voltage (1.5 V to 5.5 V), RRIO, 3-MHz Operational Amplifier
REVISED JULY 2022
OPA310 TI-OPA310_V02 Datasheet
4Mb / 55P
OPAx310 High Output Current, Fast Shutdown, Low Voltage (1.5 V to 5.5 V), RRIO, 3-MHz Operational Amplifier
REVISED SEPTEMBER 2022
OPA310 TI-OPA310_V03 Datasheet
4Mb / 57P
OPAx310 High Output Current, Fast Shutdown, Low Voltage (1.5 V to 5.5 V), RRIO, 3-MHz Operational Amplifier
REVISED OCTOBER 2022
OPA310 TI-OPA310_V04 Datasheet
4Mb / 57P
OPAx310 High Output Current, Fast Shutdown, Low Voltage (1.5 V to 5.5 V), RRIO, 3-MHz Operational Amplifier
REVISED DECEMBER 2022
OPA310 TI-OPA310_V05 Datasheet
4Mb / 60P
OPAx310 High Output Current, Fast Shutdown, Low Voltage (1.5 V to 5.5 V), RRIO, 3-MHz Operational Amplifier
REVISED DECEMBER 2022
OPA310 TI-OPA310_V06 Datasheet
5Mb / 68P
OPAx310 High Output Current, Fast Shutdown, Low Voltage (1.5 V to 5.5 V), RRIO, 3-MHz Operational Amplifier
REVISED DECEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com