Electronic Components Datasheet Search
  English  ▼

X  

OPA310 Datasheet(PDF) 24 Page - Texas Instruments

Part # OPA310
Description  OPAx310-Q1 Automotive High Output Current, 5V, RRIO, 3MHz Operational Amplifier with Shutdown
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA310 Datasheet(HTML) 24 Page - Texas Instruments

Back Button OPA310 Datasheet HTML 20Page - Texas Instruments OPA310 Datasheet HTML 21Page - Texas Instruments OPA310 Datasheet HTML 22Page - Texas Instruments OPA310 Datasheet HTML 23Page - Texas Instruments OPA310 Datasheet HTML 24Page - Texas Instruments OPA310 Datasheet HTML 25Page - Texas Instruments OPA310 Datasheet HTML 26Page - Texas Instruments OPA310 Datasheet HTML 27Page - Texas Instruments OPA310 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
6.3 Feature Description
6.3.1 Operating Voltage
The OPAx310-Q1 series of operational amplifiers is fully specified from 1.8V to 5.5V and is tested for amplifier
operation from 1.5V to 1.8V. In addition, many specifications apply from –40°C to 125°C. Parameters that
vary significantly with operating voltages or temperature are provided in the Typical Characteristics. TI highly
recommends to bypass power-supply pins with at least 0.01µF ceramic capacitors.
6.3.2 Rail-to-Rail Input
The input common-mode voltage range of the OPAx310-Q1 series extends to either supply rails. This is true
even when operating at the ultra-low supply voltage of 1.5V, all the way up to the standard supply voltage of
5.5V. This performance is achieved with a complementary input stage: an N-channel input differential pair in
parallel with a P-channel differential pair. Refer to the Functional Block Diagram for more details.
For most amplifiers with a complementary input stage, one of the input pairs, usually the P-channel input pair,
is designed to deliver slightly better performance in terms of input offset voltage, offset drift over the N-channel
pair. Consequently, the P-channel pair is designed to cover the majority of the common mode range with the
N-channel pair slated to slowly take over at a certain threshold voltage from the positive rail. Just after the
threshold voltage, both the input pairs are in operation for a small range referred to as the transition region.
Beyond this region, the N-channel pair completely takes over. Within the transition region, PSRR, CMRR, offset
voltage, offset drift, and THD can be degraded compared to device operation outside this region. Hence, most
applications generally prefer operating in the P-channel input range where the performance is slightly better.
For the OPAx310-Q1, the P-channel pair is typically active for input voltages from (V–) to (V+) – 0.4V and the
N-channel pair is typically active for input voltages from the positive supply to (V+) – 0.4V. The transition region
occurs typically from (V+) – 0.5V to (V+) – 0.3V, in which both pairs are on. These voltage levels mentioned
above can vary with process variations associated with threshold voltage of transistors. In the OPAx310-Q1,
200-mV transition region mentioned above can vary up to 200mV in either direction. Thus, the transition region
(both stages on) can range from (V+) – 0.7V to (V+) – 0.5V on the low end, up to (V+) – 0.3V to (V+) – 0.1V on
the high end.
Recollecting the fact that a P-channel input pair usually offers better performance over a N-channel input
pair, the OPAx310-Q1 is designed to offer a much wider P-channel input pair range, in comparison to most
complimentary input amplifiers in the industry. A side-by-side comparison of the OPAx310-Q1 and the TLV900x
is provided below. Note that the TLV900x is designed for P-channel pair operation only until 1.4V from the
positive rail, while the OPAx310-Q1 is designed for P-channel pair operation until 0.7V from the positive rail.
This additional 700mV of P-channel input pair range for the OPAx310-Q1 is particularly useful when operating at
lower supply voltages (1.5V, 1.8V, and so forth) where the P-channel input range usually gets limited to a great
extent.
Thus the wide common mode swing of input signal can be accommodated more easily within the P-channel
input pair of the OPAx310-Q1, while likely avoiding the transition region, thereby maintaining linearity.
OPA310-Q1
SBOSAI0A – DECEMBER 2023 – REVISED MAY 2024
www.ti.com
24
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: OPA310-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com