Electronic Components Datasheet Search
  English  ▼

X  

OPA310 Datasheet(PDF) 12 Page - Texas Instruments

Part # OPA310
Description  OPAx310-Q1 Automotive High Output Current, 5V, RRIO, 3MHz Operational Amplifier with Shutdown
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA310 Datasheet(HTML) 12 Page - Texas Instruments

Back Button OPA310 Datasheet HTML 8Page - Texas Instruments OPA310 Datasheet HTML 9Page - Texas Instruments OPA310 Datasheet HTML 10Page - Texas Instruments OPA310 Datasheet HTML 11Page - Texas Instruments OPA310 Datasheet HTML 12Page - Texas Instruments OPA310 Datasheet HTML 13Page - Texas Instruments OPA310 Datasheet HTML 14Page - Texas Instruments OPA310 Datasheet HTML 15Page - Texas Instruments OPA310 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
5.7 Electrical Characteristics (continued)
For VS = (V+) – (V–) = 1.5V to 5.5V (±0.75V to ±2.75V) at TA = 25°C, RL = 10kΩ connected to VS / 2, VCM = VS / 2, and VO UT
= VS / 2, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SHUTDOWN
IQ_SHDN
Shutdown current per
amplifier
All amplifiers disabled, SHDN = V–, OPA310S-Q1
0.265
0.475
µA
IQ_SHDN
Shutdown current per
amplifier (1)
All amplifiers disabled, SHDN = V–, TA = –40℃ to 85℃, OPA310S-Q1
0.700
µA
ZOUT_SHDN
Output impedance
during shutdown
Amplifier disabled
43 || 11.5
GΩ ||pF
VSHDN_IH
Logic high voltage
(amplifier enabled)
(V–) + 1.2
V
VSHDN_IL
Logic low voltage
(amplifier disabled)
(V–) + 0.2
V
tON
Amplifier enable time
(full shutdown) (7) (1)
G = +1, VCM = VS / 2, VO = 0.9 × VS / 2, RL connected to V–
1
1.6
µs
tOFF
Amplifier disable time
(7)
G = +1, VCM = VS / 2, VO = 0.1 × VS / 2, RL connected to V–
1
µs
IB_SHDN
SHDN pin input bias
current (per pin)
(V+) ≥ SHDN ≥ (V–) + 1V
50
nA
(V–) ≤ SHDN ≤ (V–) + 0.2V
100
(1)
Max data is specified based on characterization results.
(2)
Min data is specified based on characterization results.
(3)
Typical input current noise data is specified based on design simulation results.
(4)
Third-order filter; bandwidth = 80kHz at –3dB.
(5)
Short circuit current specified here is the average of sourcing and sinking short circuit currents.
(6)
AOL is measured as the difference between (VOSA – VOSB) / (VOUTA – VOUTB). VOSA is the offset measured when the OUT pin is biased
at (V+) - 0.25V while the device sources 50mA and VOSB is the offset measured when the OUT pin is biased at (V–) + 0.25V while the
device sinks 50mA.
(7)
Disable time (tOFF) and enable time (tON) are defined as the time interval between the 50% point of the signal applied to the SHDN pin
and the point at which the output voltage reaches the 10% (disable) or 90% (enable) level.
OPA310-Q1
SBOSAI0A – DECEMBER 2023 – REVISED MAY 2024
www.ti.com
12
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: OPA310-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com