Electronic Components Datasheet Search
  English  ▼

X  

OPA310 Datasheet(PDF) 4 Page - Texas Instruments

Part # OPA310
Description  OPAx310-Q1 Automotive High Output Current, 5V, RRIO, 3MHz Operational Amplifier with Shutdown
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA310 Datasheet(HTML) 4 Page - Texas Instruments

  OPA310 Datasheet HTML 1Page - Texas Instruments OPA310 Datasheet HTML 2Page - Texas Instruments OPA310 Datasheet HTML 3Page - Texas Instruments OPA310 Datasheet HTML 4Page - Texas Instruments OPA310 Datasheet HTML 5Page - Texas Instruments OPA310 Datasheet HTML 6Page - Texas Instruments OPA310 Datasheet HTML 7Page - Texas Instruments OPA310 Datasheet HTML 8Page - Texas Instruments OPA310 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
4 Pin Configuration and Functions
1
OUT
2
V±
3
IN+
4
IN±
5
V+
Not to scale
Figure 4-1. OPA310-Q1 DBV Package
5-Pin SOT-23
(Top View)
1
IN+
2
V±
3
IN±
4
OUT
5
V+
Not to scale
Figure 4-2. OPA310-Q1 DCK Package
5-Pin SC70
(Top View)
Table 4-1. Pin Functions: OPA310-Q1
PIN
(1)TYPE
DESCRIPTION
NAME
SOT-23
SC70
IN–
4
3
I
Inverting input
IN+
3
1
I
Noninverting input
OUT
1
4
O
Output
V–
2
2
I
Negative (low) supply or ground (for single-supply operation)
V+
5
5
I
Positive (high) supply
(1)
I = input, O = output
1
OUT
6
V+
2
V±
5
SHDN
3
IN+
4
IN±
Not to scale
Figure 4-3. OPA310S-Q1 DBV Package
6-Pin SOT-23
(Top View)
1
IN+
6
V+
2
V±
5
SHDN
3
IN±
4
OUT
Not to scale
Figure 4-4. OPA310S-Q1 DCK Package
6-Pin SC70
(Top View)
Table 4-2. Pin Functions: OPA310S-Q1
PIN
(1)TYPE
DESCRIPTION
NAME
SOT-23
SC70
IN–
4
3
I
Inverting input
IN+
3
1
I
Noninverting input
OUT
1
4
O
Output
SHDN
5
5
I
Shutdown: low = amp disabled, high = amp enabled
See Shutdown Function for more information
V–
2
2
I
Negative (low) supply or ground (for single-supply operation)
V+
6
6
I
Positive (high) supply
(1)
I = input, O = output
OPA310-Q1
SBOSAI0A – DECEMBER 2023 – REVISED MAY 2024
www.ti.com
4
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: OPA310-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com