Electronic Components Datasheet Search
  English  ▼

X  

OPA310 Datasheet(PDF) 14 Page - Texas Instruments

Part # OPA310
Description  OPAx310-Q1 Automotive High Output Current, 5V, RRIO, 3MHz Operational Amplifier with Shutdown
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA310 Datasheet(HTML) 14 Page - Texas Instruments

Back Button OPA310 Datasheet HTML 10Page - Texas Instruments OPA310 Datasheet HTML 11Page - Texas Instruments OPA310 Datasheet HTML 12Page - Texas Instruments OPA310 Datasheet HTML 13Page - Texas Instruments OPA310 Datasheet HTML 14Page - Texas Instruments OPA310 Datasheet HTML 15Page - Texas Instruments OPA310 Datasheet HTML 16Page - Texas Instruments OPA310 Datasheet HTML 17Page - Texas Instruments OPA310 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
5.8 Typical Characteristics (continued)
at TA = 25°C, V+ = 2.75V, V– = –2.75V, RL = 10kΩ connected to VS / 2, VCM = VS / 2, and VOUT = VS / 2 (unless otherwise
noted)
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
-800
-600
-400
-200
0
200
400
600
800
D06_
VS = 5.5V, VCM = V–
No. of devices = 72
Figure 5-7. Input Offset Voltage vs Temperature
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
-1800
-1400
-1000
-600
-200
200
600
1000
1400
1800
D05_
VS = 5.5V, VCM = V+
No. of devices = 72
Figure 5-8. Input Offset Voltage vs Temperature
Input Common-Mode Voltage (V)
-3 -2.5
-2 -1.5
-1 -0.5
0
0.5
1
1.5
2
2.5
3
-1600
-1200
-800
-400
0
400
800
1200
1600
D07_
V+ = 2.75V, V– = –2.75 V
No. of devices = 72
Figure 5-9. Offset Voltage vs Common-Mode
Input Common-Mode Voltage (V)
-3
-2.2
-1.4
-0.6
0.2
1
1.8
-800
-600
-400
-200
0
200
400
600
800
D08_
V+ = 2.75V, V– = –2.75V, (V–) < VCM < (V+) – 0.6V
No. of devices = 72
Figure 5-10. Offset Voltage vs Common-Mode
Input Common-Mode Voltage (V)
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
-1000
-600
-200
200
600
1000
D09_
V+ = 2.75V, V– = –2.75V, VCM > (V+) – 0.6V
No. of devices = 72
Figure 5-11. Offset Voltage vs Common-Mode
Supply Voltage (V)
1.5
2
2.5
3
3.5
4
4.5
5
5.5
-1400
-1000
-600
-200
200
600
1000
1400
D09_
VCM = (V–)
No. of devices = 72
Figure 5-12. Offset Voltage vs Supply Voltage
OPA310-Q1
SBOSAI0A – DECEMBER 2023 – REVISED MAY 2024
www.ti.com
14
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: OPA310-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com