Electronic Components Datasheet Search
  English  ▼

X  

OPA310 Datasheet(PDF) 9 Page - Texas Instruments

Part # OPA310
Description  OPAx310-Q1 Automotive High Output Current, 5V, RRIO, 3MHz Operational Amplifier with Shutdown
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA310 Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA310 Datasheet HTML 5Page - Texas Instruments OPA310 Datasheet HTML 6Page - Texas Instruments OPA310 Datasheet HTML 7Page - Texas Instruments OPA310 Datasheet HTML 8Page - Texas Instruments OPA310 Datasheet HTML 9Page - Texas Instruments OPA310 Datasheet HTML 10Page - Texas Instruments OPA310 Datasheet HTML 11Page - Texas Instruments OPA310 Datasheet HTML 12Page - Texas Instruments OPA310 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
5.7 Electrical Characteristics
For VS = (V+) – (V–) = 1.5V to 5.5V (±0.75V to ±2.75V) at TA = 25°C, RL = 10kΩ connected to VS / 2, VCM = VS / 2, and VO UT
= VS / 2, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
VOS
Input offset voltage
VCM = V–
±0.25
±1.3
mV
VCM = V–
TA = –40°C to 125°C
±1.4
dVOS/dT
Input offset voltage
drift
VCM = V–
TA = –40°C to 125°C
±0.5
µV/
℃
PSRR
Input offset voltage
versus power supply
VS = 1.5V to 5.5V , VCM = V–
±10
±50
µV/V
Channel separation
f = 10kHz
±1
µV/V
INPUT BIAS CURRENT
IB
Input bias current (1)
VS = 1.8V and VS = 5V
±1
±30
pA
IOS
Input offset current (1)
VS = 1.8V and VS = 5V
±0.5
±25
pA
NOISE
EN
Input voltage noise
f = 0.1 to 10Hz
4
μVPP
eN
Input voltage noise
density
f = 100Hz
32
nV/√Hz
f = 1kHz
16
f = 10kHz
13
iN
Input current noise (3)
f = 1kHz
10
fA/√Hz
INPUT VOLTAGE RANGE
VCM
Common-mode
voltage range (1)
VS = 1.8V
TA = –40°C to 125°C
(V–)
(V+)
V
Common-mode
voltage range (1)
VS = 5.5V
TA = –40°C to 125°C
(V–) – 0.1
(V+) + 0.1
V
CMRR
Common-mode
rejection ratio
VS = 1.8V, (V–) ≤ VCM ≤ (V+) – 0.6V
75
85
dB
VS = 1.8V, (V–) ≤ VCM ≤ (V+) – 0.6V
TA = –40°C to 125°C
65
78
dB
VS = 5.5V, (V–) ≤ VCM ≤ (V+) – 0.6V
83
95
dB
VS = 5.5V, (V–) ≤ VCM ≤ (V+) – 0.6V
TA = –40°C to 125°C
75
85
dB
Full Range: VS = 1.8V, (V–) ≤ VCM ≤ (V+)
TA = –40°C to 125°C
57.5
70
Full Range: VS = 5.5V
(V–) – 0.1V ≤ VCM ≤ (V+) + 0.1V
TA = –40°C to 125°C
66.5
80
INPUT IMPEDANCE
ZID
Differential
Input
Impedance
80 || 1.4
GΩ ||pF
ZICM
Common-mode
Input
Impedance
100 || 0.5
GΩ ||pF
www.ti.com
OPA310-Q1
SBOSAI0A – DECEMBER 2023 – REVISED MAY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: OPA310-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com