Electronic Components Datasheet Search
  English  ▼

X  

OPA310 Datasheet(PDF) 30 Page - Texas Instruments

Part # OPA310
Description  OPAx310-Q1 Automotive High Output Current, 5V, RRIO, 3MHz Operational Amplifier with Shutdown
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA310 Datasheet(HTML) 30 Page - Texas Instruments

Back Button OPA310 Datasheet HTML 26Page - Texas Instruments OPA310 Datasheet HTML 27Page - Texas Instruments OPA310 Datasheet HTML 28Page - Texas Instruments OPA310 Datasheet HTML 29Page - Texas Instruments OPA310 Datasheet HTML 30Page - Texas Instruments OPA310 Datasheet HTML 31Page - Texas Instruments OPA310 Datasheet HTML 32Page - Texas Instruments OPA310 Datasheet HTML 33Page - Texas Instruments OPA310 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 38 page
background image
7.2.1.1 Design Requirements
The design requirements for this design are:
• Load current: 0 A to 1 A
• Maximum output voltage: 4.9V
• Maximum shunt voltage: 100mV
7.2.1.2 Detailed Design Procedure
The transfer function of the circuit in Figure 7-1 is given in Equation 1.
VOUT=  ILOAD ×RSHUNT× Gain
(1)
The load current (ILOAD) produces a voltage drop across the shunt resistor (RSHUNT). The load current is set from
0 A to 1 A. To keep the shunt voltage below 100mV at maximum load current, the largest shunt resistor is shown
using Equation 2.
RSHUNT= VSHUNT_MAX
ILOAD_MAX = 100 mV1 A=100 mΩ
(2)
Using Equation 2, RSHUNT is calculated to be 100mΩ. The voltage drop produced by ILOAD and RSHUNT is
amplified by the OPAx310-Q1 to produce an output voltage of approximately 0V to 4.9V. The gain needed by the
OPAx310-Q1 to produce the necessary output voltage is calculated using Equation 3.
Gain=VOUT_MAX   −  VOUT_MIN
VIN_MAX   −  VIN_MIN
(3)
Using Equation 3, the required gain is calculated to be 49V/V, which is set with resistors RF and RG. Equation 4
sizes the resistors RF and RG, to set the gain of the OPAx310-Q1 to 49V/V.
Gain=1+ RFRG
(4)
Selecting RF as 57.6 kΩ and RG as 1.2 kΩ provides a combination that equals 49V/V. Figure 7-2 shows the
measured transfer function of the circuit shown in Figure 7-1. Notice that the gain is only a function of the
feedback and gain resistors. This gain is adjusted by varying the ratio of the resistors and the actual resistors
values are determined by the impedance levels that the designer wants to establish. The impedance level
determines the current drain, the effect that stray capacitance has, and a few other behaviors. There is no
optimal impedance selection that works for every system; choose an impedance that is best for the system
parameters.
7.2.1.3 Application Curve
0
1
2
3
4
5
0
0.2
0.4
0.6
0.8
1
I
LOAD (A)
C219
Figure 7-2. Low-Side, Current-Sense Transfer Function
OPA310-Q1
SBOSAI0A – DECEMBER 2023 – REVISED MAY 2024
www.ti.com
30
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: OPA310-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com